Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM64P03 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXM64P03
Description  35V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P03 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXM64P03 Datasheet HTML 1Page - Zetex Semiconductors ZXM64P03 Datasheet HTML 2Page - Zetex Semiconductors ZXM64P03 Datasheet HTML 3Page - Zetex Semiconductors ZXM64P03 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUMMARY
V(BR)DSS = -35V: RDS(on) = 0.075 : ID = -12A
DESCRIPTION
This new generation of high cell density planar MOSFETs from Zetex utilises a unique
structure that combines the benefits of low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage, power management applications.
FEATURES
· Low on-resistance
· Fast switching speed
· Low threshold
· Low gate drive
· TO220 package
APPLICATIONS
· 100W Class D Audio Output Stage
· Motor Control
DEVICE MARKING
· ZXM6
4P035
ZXM64P035L3
PROVISIONAL ISSUE A - JANUARY 2002
1
35V P-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
MULTIPLES
ZXM64P035L3
1000
ORDERING INFORMATION
Front View


Similar Part No. - ZXM64P03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P035GTA ZETEX-ZXM64P035GTA Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM64P035GTA VBSEMI-ZXM64P035GTA Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Zetex Semiconductors
ZXM64P035GTC ZETEX-ZXM64P035GTC Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64P03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035G ZETEX-ZXM64N035G_04 Datasheet
63Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3_04 Datasheet
64Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035G DIODES-ZXM64N035G Datasheet
76Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64N035G ZETEX-ZXM64N035G Datasheet
101Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3 Datasheet
99Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035L3 DIODES-ZXM64N035L3 Datasheet
71Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637_06 Datasheet
119Kb / 8P
   35V P-Channel PowerTrench MOSFET
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com