Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM64P035GTC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXM64P035GTC
Description  35V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P035GTC Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXM64P035GTC Datasheet HTML 1Page - Zetex Semiconductors ZXM64P035GTC Datasheet HTML 2Page - Zetex Semiconductors ZXM64P035GTC Datasheet HTML 3Page - Zetex Semiconductors ZXM64P035GTC Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZXM64P035G
PROVISIONAL ISSUE A - DECEMBER 2001
3
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS -35
V
ID=-250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1
A
VDS=-35V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-1.0
V
I
D
=-250 A, VDS=VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.075
0.105
VGS=-10V, ID=-2.4A
VGS=-4.5V, ID=-1.2A
Forward Transconductance (1)(3)
gfs
2.3
S
VDS=-10V,ID=-1.2A
DYNAMIC (3)
Input Capacitance
Ciss
825
pF
VDS=-25V, VGS=0V,
f=1MHz
Output Capacitance
Coss
250
pF
Reverse Transfer Capacitance
Crss
80
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
4.4
ns
VDD =-15V, ID=-2.4A
RG=6.0 , VGS=-10V
Rise Time
tr
6.2
ns
Turn-Off Delay Time
td(off)
40
ns
Fall Time
tf
29.2
ns
Total Gate Charge
Qg
46
nC
VDS=-24V,VGS=-10V,
ID=-2.4A
Gate-Source Charge
Qgs
9nC
Gate-Drain Charge
Qgd
11.5
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
-0.95
V
TJ=25 C, IS=-2.4A,
VGS=0V
Reverse Recovery Time (3)
trr
30.2
ns
TJ=25 C, IF=-2.4A,
di/dt= 100A/ s
Reverse Recovery Charge (3)
Qrr
27.8
nC
ELECTRICAL CHARACTERISTICS
(at TA = 25°C unless otherwise stated).
NOTES
(1) Measured under pulsed conditions. Width
=300 s. Duty cycle
2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXM64P035GTC

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ZXM64P035GTA VBSEMI-ZXM64P035GTA Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - ZXM64P035GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P035L3 ZETEX-ZXM64P035L3 Datasheet
97Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035G ZETEX-ZXM64N035G_04 Datasheet
63Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3_04 Datasheet
64Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035G DIODES-ZXM64N035G Datasheet
76Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64N035G ZETEX-ZXM64N035G Datasheet
101Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3 Datasheet
99Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035L3 DIODES-ZXM64N035L3 Datasheet
71Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637_06 Datasheet
119Kb / 8P
   35V P-Channel PowerTrench MOSFET
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com