Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVS882PWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS882PWPRG4
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVS882PWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVS882PWPRG4 Datasheet HTML 6Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 7Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 8Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 9Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 10Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 11Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 12Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 13Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DEVICE INFORMATION
Digital Inputs
Limiter
I
= I
INmax
LIM
5 V
I
LIM
I
IN
IPx
R
LIM
I
Mirror
n = 72
LIM
I
REF
V-REF
R
=
LIM
90
I
LIM
90
2.5 mA
= 36 k
=
Debounce Filter
SN65HVS882
SLAS601 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
Figure 12. Digital Input Stage
Each digital input operates as a controlled current sink limiting the input current to a maximum value of ILIM. The
current limit is derived from the reference current via ILIM = n × IREF, and IREF is determined by IREF = VREF/RLIM.
Thus, changing the current limit requires the change of RLIM to a different value via: RLIM = n × VREF/ILIM.
While the device is specified for a current limit of 3.6 mA, (via RLIM = 25 kΩ), it is easy to lower the current limit to
further reduce the power consumption. For example, for a current limit of 2.5 mA simply calculate:
The HVS882 applies a simple analog/digital filtering technique to remove unintended signal transitions due to
contact bounce or other mechanical effects. Any new input (either low or high) must be present for the duration
of the selected debounce time to be latched into the shift register as a valid state.
The logic signal levels at the control inputs, DB0 and DB1 of the internal Debounce-Select logic determine the
different debounce times listed in the following truth table.
Table 1. Debounce Times
DB1
DB0
FUNCTION
Open
Open
3 ms delay
Open
GND
1 ms delay
0 ms delay
GND
Open
(filter bypassed)
GND
GND
Reserved
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVS882


Similar Part No. - SN65HVS882PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882PWPRG4 TI-SN65HVS882PWPRG4 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
More results

Similar Description - SN65HVS882PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com