Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520L227M004AE012 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T520L227M004AE012
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520L227M004AE012 Datasheet(HTML) 4 Page - Kemet Corporation

  T520L227M004AE012 Datasheet HTML 1Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 2Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 3Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 4Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 5Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 6Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 7Page - Kemet Corporation T520L227M004AE012 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap
T520 RATINGS & PART NUMBER REFERENCE
Rated
Voltage
(V)
Rated
Capaci-
tance
(
μF)
Case
Code/
Case
Size
KEMET Part Number
DC
Leakage
µA
@ 20°C
max/
5min
DF%
@ 20°C
120 Hz
Max
ESR
m
Ω @
20°C
100 kHz
Max
Maximum
allowable
ripple
current
(mArms)
100kHz*
MSL
Reflow
Temp
≤ 260ºC
33
T/3528-12
T520T336M008A(1)E070
26
8
70
1200
33
T/3528-12
T520T336M008A(1)E080
26
8
80
1100
33
B/3528-20
T520B336M008A(1)E025
26
8
25
2300
33
B/3528-20
T520B336M008A(1)E035
26
15
35
1900
33
B/3528-20
T520B336M008A(1)E040
26
8
40
1800
33
B/3528-20
T520B336M008A(1)E070
26
8
70
1300
33
U/6032-15 T520U336M008A(1)E070
26
8
70
1400
47
B/3528-20
T520B476M008A(1)E035
38
8
35
1900
47
B/3528-20
T520B476M008A(1)E070
38
8
70
1300
82
C/6032-28 T520C826M008A(1)E025
82
8
66
1600
82
C/6032-28 T520C826M008A(1)E045
82
8
66
1600
150
D/7343-31 T520D157M008A(1)E025
120
10
25
3000
150
D/7343-31 T520D157M008A(1)E040
120
10
40
2400
150
D/7343-31 T520D157M008A(1)E055
120
10
55
2000
150
V/7343-19
T520V157M008A(1)E040
120
10
40
2200
10
A/3216-18
T520A106M010A(1)E080
10
8
80
1200
15
A/3216-18
T520A156M010A(1)E080
15
8
80
1200
22
A/3216-18
T520A226M010A(1)E080
22
8
80
1200
33
T/3528-12
T520T336M010A(1)E040
33
8
40
1600
33
T/3528-12
T520T336M010A(1)E070
33
8
70
1200
33
T/3528-12
T520T336M010A(1)E080
33
8
80
1100
33
B/3528-20
T520B336M010A(1)E025
33
10
25
2300
33
B/3528-20
T520B336M010A(1)E035
33
8
35
1900
33
B/3528-20
T520B336M010A(1)E040
33
8
40
1800
33
B/3528-20
T520B336M010A(1)E070
33
8
70
1300
33
U/6032-15 T520U336M010A(1)E070
33
8
70
1400
47
B/3528-20
T520B476M010A(1)E035
47
8
35
1900
47
B/3528-20
T520B476M010A(1)E070
47
8
70
1300
47
U/6032-15 T520U476M010A(1)E055
47
8
55
1600
47
C/6032-28 T520C476M010A(1)E100
47
8
100
1300
68
U/6032-15 T520U686M010A(1)E055
68
8
55
1600
68
W/7343-15 T520W686M010A(1)E025
68
10
25
2200
68
W/7343-15 T520W686M010A(1)E040
68
10
40
1700
68
C/6032-28 T520C686M010A(1)E045
68
8
45
1900
68
V/7343-19
T520V686M010A(1)E025
68
10
25
2700
68
V/7343-19
T520V686M010A(1)E040
68
10
40
2200
68
V/7343-19
T520V686M010A(1)E045
68
10
45
2000
68
V/7343-19
T520V686M010A(1)E060
68
10
60
1800
68
V/7343-19
T520V686M010A(1)E100
68
10
100
1400
68
D/7343-31 T520D686M010A(1)E100
68
10
100
1500
100
C/6032-28 T520C107M010A(1)E025
100
8
25
2600
100
C/6032-28 T520C107M010A(1)E045
100
8
45
1900
100
L/6032-20
T520L107M010A(1)E025
100
10
25
2400
100
W/7343-15 T520W107M010A(1)E040
100
10
40
1700
100
V/7343-19
T520V107M010A(1)E018
100
10
18
3200
100
V/7343-19
T520V107M010A(1)E025
100
10
25
2700
100
V/7343-19
T520V107M010A(1)E045
100
10
45
2000
100
V/7343-19
T520V107M010A(1)E050
100
10
50
1900
100
D/7343-31 T520D107M010A(1)E018
100
10
18
3500
100
D/7343-31 T520D107M010A(1)E055
100
10
55
2000
100
D/7343-31 T520D107M010A(1)E080
100
10
80
1700
150
C/6032-28 T520C157M010A(1)E055
150
8
55
1700
150
V/7343-19
T520V157M010A(1)E018
150
10
18
3200
150
V/7343-19
T520V157M010A(1)E025
150
10
25
2700
150
V/7343-19
T520V157M010A(1)E040
150
10
40
2200
150
D/7343-31 T520D157M010A(1) E015
150
10
15
3900
150
D/7343-31 T520D157M010A(1) E018
150
10
18
3500
150
D/7343-31 T520D157M010A(1)E025
150
10
25
3000
150
D/7343-31 T520D157M010A(1)E040
150
10
40
2400
150
D/7343-31 T520D157M010A(1)E055
150
10
55
2000
150
Y/7343-40 T520Y157M010A(1) E015
150
10
15
4000
150
Y/7343-40 T520Y157M010A(1) E018
150
10
18
3700
150
Y/7343-40 T520Y157M010A(1) E025
150
10
25
3100
220
V/7343-19 T520V227M010A(1) E045
220
10
45
2000
220
Y/7343-40
T520Y227M010A(1)E040
220
10
40
2500
220
D/7343-31 T520D227M010A(1)E018
220
10
18
3500
220
D/7343-31 T520D227M010A(1)E025
220
10
25
3000
220
D/7343-31 T520D227M010A(1)E040
220
10
40
2400
330
Y/7343-40
T520Y337M010A(1)E015
330
10
15
4000
330
Y/7343-40
T520Y337M010A(1)E035
330
10
35
2600
330
X/7343-43
T520X337M010A(1)E010
330
10
10
5000
330
X/7343-43
T520X337M010A(1)E025
330
10
25
3100
330
X/7343-43
T520X337M010A(1)E040
330
10
40
2500
3
(1) To complete KEMET part number, insert letter designation for lead material from page 50. Higher
voltage ratings and tighter tolerance product may be substituted with the same size at KEMET's
option.Voltage substitutions will be marked with the higher voltage rating.
*100kHz to 500kHz, 45º C
10
8
3
Rated
Voltage
(V)
Rated
Capaci-
tance
(
μF)
Case
Code/
Case
Size
KEMET Part Number
DC
Leakage
µA
@ 20°C
max/
5min
DF%
@ 20°C
120 Hz
Max
ESR
m
Ω @
20°C
100 kHz
Max
Maximum
allowable
ripple
current
(mArms)
100kHz*
MSL
Reflow
Temp
≤ 260ºC
10
T/3528-12 T520T106M12RA(1)E150
13
8
150
800
15
T/3528-12 T520T156M12RA(1)E080
19
8
80
1100
10
B/3528-20
T520B106M016A(1)E100
16
8
100
1100
22
C/6032-28 T520C226M016A(1)E080
35
8
80
1400
33
W/7343-15 T520W336M016A(1)E045
53
10
60
1400
33
V/7343-19
T520V336M016A(1)E045
53
10
45
2000
33
V/7343-19
T520V336M016A(1)E060
53
10
60
1800
33
V/7343-19
T520V336M016A(1)E070
53
10
70
1600
47
W/7343-15 T520W476M016A(1)E045
75
10
45
1600
47
V/7343-19
T520V476M016A(1)E045
75
10
45
2000
47
V/7343-19
T520V476M016A(1)E070
76
10
70
1600
47
D/7343-31 T520D476M016A(1)E035
75
10
35
2500
47
D/7343-31 T520D476M016A(1)E070
75
10
70
1800
68
D/7343-31 T520D686M016A(1)E050
109
10
50
2100
150
X/7343-43
T520X157M016A(1)E040
240
10
40
2500
22
V/7343-19
T520V226M020A(1)E040
44
10
40
2200
22
V/7343-19
T520V226M020A(1)E045
44
10
45
2000
22
V/7343-19
T520V226M020A(1)E090
44
10
90
1400
15
V/7343-19
T520V156M025A(1)E090
38
10
90
1400
15
D/7343-31 T520D156M025A(1)E060
38
10
60
1900
15
D/7343-31 T520D156M025A(1)E080
38
10
80
1700
3
(1) To complete KEMET part number, insert letter designation for lead material from page 50. Higher
voltage ratings and tighter tolerance product may be substituted with the same size at KEMET's
option.Voltage substitutions will be marked with the higher voltage rating.
*100kHz to 500kHz, 45º C
3
16
3
3
20
3
25
16
12.5


Similar Part No. - T520L227M004AE012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520L227M004ATE012 KEMET-T520L227M004ATE012 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 4 V, 6032, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 12mOhms, Height Max = 1.9mm
More results

Similar Description - T520L227M004AE012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com