Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4129IRGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4129IRGZT
Description  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4129IRGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS4129IRGZT Datasheet HTML 5Page - Texas Instruments ADS4129IRGZT Datasheet HTML 6Page - Texas Instruments ADS4129IRGZT Datasheet HTML 7Page - Texas Instruments ADS4129IRGZT Datasheet HTML 8Page - Texas Instruments ADS4129IRGZT Datasheet HTML 9Page - Texas Instruments ADS4129IRGZT Datasheet HTML 10Page - Texas Instruments ADS4129IRGZT Datasheet HTML 11Page - Texas Instruments ADS4129IRGZT Datasheet HTML 12Page - Texas Instruments ADS4129IRGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
www.ti.com
SBAS483D – NOVEMBER 2009 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, and 0dB gain, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and
DRVDD = 1.8V.
ADS4126/ADS4146 (160MSPS)(1)
ADS4129/ADS4149 (250MSPS)(1)
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
2.0
2.0
VPP
Differential input resistance (at dc); see Figure 114
> 1
> 1
M
Ω
Differential input capacitance; see Figure 115
4
4
pF
Analog input bandwidth
550
550
MHz
Analog input common-mode current (per input pin)
0.6
0.6
µA/MSPS
Common-mode output voltage
VCM
0.95
0.95
V
VCM output current capability
4
4
mA
DC ACCURACY
Offset error
2.5
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
0.003
mV/°C
Gain error as a result of internal reference
EGREF
–2
2
–2
2
%FS
inaccuracy alone
Gain error of channel alone
EGCHAN
–0.2
–0.2
–1
%FS
Temperature coefficient of EGCHAN
0.001
0.001
Δ%/°C
POWER SUPPLY
IAVDD
73
99
113
mA
Analog supply current
IDRVDD(2)
Output buffer supply current
38
47
mA
LVDS interface with 100
Ω external termination
Low LVDS swing (200mV)
IDRVDD
Output buffer supply current
50
59
72
mA
LVDS interface with 100
Ω external termination
Standard LVDS swing (350mV)
IDRVDD output buffer supply current(2)(3)
CMOS interface(3)
26
35
mA
8pF external load capacitance
fIN = 2.5MHz
Analog power
131
179
mW
Digital power
68.7
84.6
mW
LVDS interface, low LVDS swing
Digital power
CMOS interface(3)
47
63
mW
8pF external load capacitance
fIN = 2.5MHz
Global power-down
10
10
25
mW
Standby
185
185
mW
(1)
The ADS4126, ADS4129, and ADS4146 are product preview devices.
(2)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10pF.
(3)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Similar Part No. - ADS4129IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4129IRGZT TI-ADS4129IRGZT Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129IRGZT TI-ADS4129IRGZT Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129IRGZT TI1-ADS4129IRGZT Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4129IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com