Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F320J3D-75 Datasheet(PDF) 10 Page - Numonyx B.V

Part # TE28F320J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

TE28F320J3D-75 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button TE28F320J3D-75 Datasheet HTML 6Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 7Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 8Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 9Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 10Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 11Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 12Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 13Page - Numonyx B.V TE28F320J3D-75 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Numonyx™ Embedded Flash Memory (J3 v. D)
Datasheet
November 2007
10
308551-05
2.1
Block Diagram
Figure 1: Memory Block Diagram (32, 64 and 128 Mbit)
Figure 2: Numonyx™ Embedded Flash Memory (J3 v. D) Memory Block Diagram (256
Mbit)
32-Mbit: Thirty-two
64-Mbit: Sixty-four
128-Mbit: One-hundred
twenty -eight
128-Kbyte Blocks
Input Buffer
Y-Gating
Program/Erase
Voltage Switch
Data
Comparator
Status
Register
Identifier
Register
I/O Logic
Address
Latch
Address
Counter
X-Decoder
Y-Decoder
Input Buffer
Output
Buffer
GND
V
CC
V
PEN
CE
0
CE
1
CE
2
WE#
OE#
RP#
BYTE#
Command
User
Interface
32-Mbit: A
0-A21
64-Mbit: A
0-A22
128-Mbit: A
0 -A23
DQ
0 -DQ15
VCC
Write State
Machine
Multiplexer
Query
STS
V
CCQ
CE
Logic
A
0 -A2
28F128J3
CE1
Upper Address
CE0 Device
D[15-0]
A[23-A0]
CE2
CE#
Vcc
A[23-A0]
D[15-0]
28F128J3
CE1
Lower Address
CE0 Device
D[15-0]
A[23-A0]
CE2
A24


Similar Part No. - TE28F320J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320J3A-110 INTEL-TE28F320J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
TE28F320J3A-115 INTEL-TE28F320J3A-115 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
TE28F320J3A-120 INTEL-TE28F320J3A-120 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
TE28F320J3A-125 INTEL-TE28F320J3A-125 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
TE28F320J3A-150 INTEL-TE28F320J3A-150 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - TE28F320J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com