Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5514 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C5514
Description  TMS320C5514 Fixed-Point Dight Signal Processor
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C5514 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C5514_1 Datasheet HTML 1Page - Texas Instruments TMS320C5514_1 Datasheet HTML 2Page - Texas Instruments TMS320C5514_1 Datasheet HTML 3Page - Texas Instruments TMS320C5514_1 Datasheet HTML 4Page - Texas Instruments TMS320C5514_1 Datasheet HTML 5Page - Texas Instruments TMS320C5514_1 Datasheet HTML 6Page - Texas Instruments TMS320C5514_1 Datasheet HTML 7Page - Texas Instruments TMS320C5514_1 Datasheet HTML 8Page - Texas Instruments TMS320C5514_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 144 page
background image
TMS320C5514
www.ti.com
SPRS646A – JANUARY 2010 – REVISED MARCH 2010
1
Fixed-Point Digital Signal Processor
............... 1
Temperature (Unless Otherwise Noted)
............ 70
1.1
Features
.............................................. 1
6
Peripheral Information and Electrical
Specifications
.......................................... 72
1.2
Description
........................................... 3
6.1
Parameter Information
.............................. 72
1.3
Functional Block Diagram
............................ 4
6.2
Recommended Clock and Control Signal Transition
2
Revision History
......................................... 6
Behavior
............................................ 72
3
Device Overview
....................................... 13
6.3
Power Supplies
..................................... 73
6.4
External Clock Input From RTC_XI, CLKIN, and
3.1
Device Characteristics
.............................. 13
USB_MXI Pins
...................................... 75
3.2
C55x CPU
.......................................... 15
6.5
Clock PLLs
......................................... 79
3.3
Memory Map Summary
............................. 20
6.6
Direct Memory Access (DMA) Controller
........... 82
3.4
Pin Assignments
.................................... 21
6.7
Reset
............................................... 83
3.5
Terminal Functions
................................. 22
6.8
Wake-up Events, Interrupts, and XF
............... 87
3.6
Device Support
..................................... 44
6.9
External Memory Interface (EMIF)
................. 89
4
Device Configuration
................................. 47
6.10
Multimedia Card/Secure Digital (MMC/SD)
....... 102
4.1
System Registers
................................... 47
6.11
Real-Time Clock (RTC)
........................... 107
4.2
Power Considerations
.............................. 48
6.12
Inter-Integrated Circuit (I2C)
...................... 109
4.3
Clock Considerations
............................... 52
6.13
Universal Asynchronous Receiver/Transmitter
4.4
Boot Sequence
..................................... 54
(UART)
............................................ 114
4.5
Configurations at Reset
............................ 57
6.14
Inter-IC Sound (I2S)
............................... 116
4.6
Configurations After Reset
......................... 58
6.15
Serial Port Interface (SPI)
......................... 123
4.7
Multiplexed Pin Configurations
..................... 62
6.16
Universal Serial Bus (USB) 2.0 Controller
........ 126
4.8
Debugging Considerations
......................... 65
6.17
General-Purpose Timers
.......................... 133
5
Device Operating Conditions
....................... 68
6.18
General-Purpose Input/Output
.................... 135
5.1
Absolute Maximum Ratings Over Operating Case
6.19
IEEE 1149.1 JTAG
................................ 139
Temperature Range (Unless Otherwise Noted)
.... 68
7
Mechanical Packaging and Orderable
Information
............................................ 141
5.2
Recommended Operating Conditions
.............. 69
5.3
Electrical Characteristics Over Recommended
7.1
Thermal Data for ZCH
............................. 141
Ranges of Supply Voltage and Operating
7.2
Packaging Information
............................ 141
Copyright © 2010, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320C5514


Similar Part No. - TMS320C5514_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514/15 TI-TMS320C5514/15 Datasheet
322Kb / 11P
[Old version datasheet]   Power for TMS320C5514/15
More results

Similar Description - TMS320C5514_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514 TI-TMS320C5514 Datasheet
927Kb / 138P
[Old version datasheet]   TMS320C5514 Fixed-Point Digital Signal Processor
SMJ320C6203 TI-SMJ320C6203 Datasheet
1Mb / 10P
[Old version datasheet]   FIXED POINT SIGNAL PROCESSOR
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com