Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC28F128J3D-75 Datasheet(PDF) 7 Page - Numonyx B.V

Part # RC28F128J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RC28F128J3D-75 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button RC28F128J3D-75 Datasheet HTML 3Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 4Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 5Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 6Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 7Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 8Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 9Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 10Page - Numonyx B.V RC28F128J3D-75 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
November 2007
Datasheet
308551-05
7
Numonyx™ Embedded Flash Memory (J3 v. D)
1.3
Conventions
h:
Hexadecimal Affix
k (noun):
1,000
M (noun):
1,000,000
Nibble
4 bits
Byte:
8 bits
Word:
16 bits
Kword:
1,024 words
Kb:
1,024 bits
KB:
1,024 bytes
Mb:
1,048,576 bits
MB:
1,048,576 bytes
Brackets:
Square brackets ([]) will be used to designate group membership or to
define a group of signals with similar function (i.e. A[21:1], SR[4,1]
and D[15:0]).
00FFh:
Denotes 16-bit hexadecimal numbers
00FF 00FFh: Denotes 32-bit hexadecimal numbers
DQ[15:0]:
Data I/O signals
SR:
Status Register
SRD:
Status Register Data
WSM:
Write State Machine
ECR:
Enhanced Configuration Register


Similar Part No. - RC28F128J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A-110 INTEL-RC28F128J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
RC28F128J3A-115 INTEL-RC28F128J3A-115 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
RC28F128J3A-120 INTEL-RC28F128J3A-120 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
RC28F128J3A-125 INTEL-RC28F128J3A-125 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
RC28F128J3A-150 INTEL-RC28F128J3A-150 Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
More results

Similar Description - RC28F128J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com