Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH116N1575S1-T Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # AH116N1575S1-T
Description  CHIP ANTENNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AH116N1575S1-T Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

  AH116N1575S1-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AH116N1575S1-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1
chipan_reli-PRP1
chipan_reli_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Embossed Tape
①Minimum Quantity
Type
Standard Quantity (pcs)
Embossed Tape
AF216M, AF816M, AF116M, AH104F,
AH122F, AH104N
2000
AH316M
3000
AH083F, AH086M
1000
②Tape Material
③Taping Dimensions
Type
A
B
W
T
AF216M
AH316M
178±2.0
50 min.
10.0±1.5
3.0 max.
(7.0±0.08)
(2.0 min.)
(0.394±0.06)
(0.12 max.)
AF816M
AH083F
178±2.0
50 min.
17.0±1.0
2.5 max.
(7.0±0.08)
(2.0 min.)
(0.67±0.04)
(0.1 max.)
AF116M, AH104F
AH122F, AH104N
330±2.0
100±1.0
25.5±1.0
3.0 max.
(13.0±0.08)
(3.94±0.04)
(1.0±0.04)
(0.12 max.)
AH086M
330 ± 2.0
100 ± 1.0
17.0 ± 1.0
2.5 max.
(13.0±0.08)
(3.94±0.04)
(0.67±0.04)
(0.1 max.)
Unit : mm (inch)
⑤Reel size
⑥Top Tape Strength
The top tape requires a peel-off force of 0.1~0.7N in the direction of the arrow as
illustrated below.
④Leader and Blank Portion
Type
Chip Cavity
Tape Widthness
Insertion Pitch
Tape Thickness MAX.
A
B
C
D
F
K
T
AF216M
1.85±0.2
2.75±0.2
8±0.2
3.5±0.1
4±0.1
1.95
0.3
(0.073±0.008)
(0.108±0.008)
(0.315±0.008)
(0.138±0.004)
(0.157±0.004)
(0.077)
(0.012)
AF816M
1.95±0.2
8.4±0.2
16±0.3
7.5±0.1
4±0.1
2.05
0.35
(0.077±0.008)
(0.331±0.008)
(0.630±0.012)
(0.296±0.004)
(0.157±0.004)
(0.081)
(0.014)
AF116M
1.95±0.2
11.4±0.2
24±0.3
11.5±0.1
4±0.1
2.05
0.35
(0.077±0.008)
(0.449±0.008)
(0.945±0.012)
(0.453±0.004)
(0.157±0.004)
(0.081)
(0.014)
AH316M
1.9±0.2
3.5±0.2
8±0.2
3.5±0.1
4±0.1
0.85
0.3
(0.075±0.008)
(0.138±0.008)
(0.315±0.012)
(0.138±0.004)
(0.157±0.004)
(0.033)
(0.012)
AH083F
3.35±0.2
8.35±0.2
16±0.3
7.5±0.1
8±0.1
1.55
0.3
(0.132±0.008)
(0.329±0.008)
(0.630±0.012)
(0.295±0.004)
(0.315±0.004)
(0.061)
(0.012)
AH104F,
AH104N
4.35±0.2
10.35±0.2
24±0.3
11.5±0.1
8±0.1
1.55
0.3
(0.171±0.008)
(0.407±0.008)
(0.945±0.012)
(0.435±0.004)
(0.315±0.004)
(0.061)
(0.012)
AH122F
2.3±0.2
12.3±0.2
24±0.3
11.5±0.1
4±0.1
1.45
0.35
(0.091±0.008)
(0.484±0.008)
(0.945±0.012)
(0.435±0.004)
(0.157±0.004)
(0.057)
(0.014)
AH086M
6.25±0.2
8.26±0.2
16±0.3
7.5±0.1
12±0.1
1.3
0.3
(0.246±0.008)
(0.325±0.008)
(0.630±0.012)
(0.296±0.004)
(0.473±0.004)
(0.051)
(0.012)
Unit : mm (inch)


Similar Part No. - AH116N1575S1-T

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
AH116-S8 WJCI-AH116-S8 Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
AH116-S8G WJCI-AH116-S8G Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116-S8G WJCI-AH116-S8G Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH116N1575S1-T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCA-5220-A2-TR RALTRON-RCA-5220-A2-TR Datasheet
461Kb / 3P
   CHIP ANTENNA
RCA-E-1003-E1-TR RALTRON-RCA-E-1003-E1-TR Datasheet
380Kb / 3P
   CHIP ANTENNA
RCA-E-3216-J2-TR RALTRON-RCA-E-3216-J2-TR Datasheet
306Kb / 3P
   CHIP ANTENNA
RCA-W2-P-3216-A36-G RALTRON-RCA-W2-P-3216-A36-G Datasheet
395Kb / 6P
   CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3014 PULSE-W3014 Datasheet
861Kb / 13P
   Chip Antenna
logo
Raltron Electronics Cor...
RCA-E-3216-EE-TR RALTRON-RCA-E-3216-EE-TR Datasheet
621Kb / 3P
   CHIP ANTENNA
RCA-E-3216-EA-TR RALTRON-RCA-E-3216-EA-TR Datasheet
742Kb / 7P
   CHIP ANTENNA
RCA-3216-A1-TR RALTRON-RCA-3216-A1-TR Datasheet
541Kb / 3P
   CHIP ANTENNA
RCA-9520-A0-TR RALTRON-RCA-9520-A0-TR Datasheet
619Kb / 4P
   CHIP ANTENNA
RCA-E-3216-A2-TR RALTRON-RCA-E-3216-A2-TR Datasheet
552Kb / 3P
   CHIP ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com