Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8494BRMZ-RL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8494BRMZ-RL
Description  Thermocouple Amplifiers With Cold Junction Compensation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494BRMZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8494BRMZ-RL Datasheet HTML 4Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 5Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 6Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 7Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 8Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 9Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 10Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 11Page - Analog Devices AD8494BRMZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IN-AMP
G = 123.65
TEMPERATURE
SENSOR
COLD JUNCTION
COMPENSATION
5mV/°C
SENSE
AD849x
+IN
–IN
OUT
REF
–VS
+VS
+IN
–IN
OUT
REF
A1
A2
A3
SENSE
ESD AND
OVERVOLTAGE
PROTECTION
ESD AND
OVERVOLTAGE
PROTECTION
AD8494/AD8496: G = 24.73
AD8495/AD8497: G = 19.34
PRE-AMP
10kΩ
10kΩ
50kΩ
DIFF AMP
G = 5
50kΩ
COLD JUNCTION
COMPENSATION


Similar Part No. - AD8494BRMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8494 AD-AD8494 Datasheet
493Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
AD8494 AD-AD8494 Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
AD8494ARMZ AD-AD8494ARMZ Datasheet
493Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
AD8494ARMZ AD-AD8494ARMZ Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
AD8494ARMZ-R7 AD-AD8494ARMZ-R7 Datasheet
493Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
More results

Similar Description - AD8494BRMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD594 AD-AD594_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD8494 AD-AD8494_1 Datasheet
493Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
AD594ADZ AD-AD594ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594 Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594CDZ AD-AD594CDZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com