Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7606-6EDZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7606-6EDZ
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7606-6EDZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7606-6EDZ Datasheet HTML 1Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 2Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 3Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 4Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 5Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 6Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 7Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 8Page - Analog Devices EVAL-AD7606-6EDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 3 of 36
GENERAL DESCRIPTION
The AD76061/AD7606-6/AD7606-4 are 16-bit, simultaneous
sampling, analog-to-digital data acquisition systems (DAS) with
eight, six, and four channels, respectively. Each part contains
analog input clamp protection, a second-order antialiasing filter,
a track-and-hold amplifier, a 16-bit charge redistribution successive
approximation analog-to-digital converter (ADC), a flexible
digital filter, a 2.5 V reference and reference buffer, and high
speed serial and parallel interfaces.
The AD7606/AD7606-6/AD7606-4 operate from a single 5 V
supply and can accommodate ±10 V and ±5 V true bipolar input
signals while sampling at throughput rates up to 200 kSPS for
all channels. The input clamp protection circuitry can tolerate
voltages up to ±16.5 V. The AD7606 has 1 MΩ analog input
impedance regardless of sampling frequency. The single supply
operation, on-chip filtering, and high input impedance eliminate
the need for driver op amps and external bipolar supplies. The
AD7606/AD7606-6/AD7606-4 antialiasing filter has a 3 dB cutoff
frequency of 22 kHz and provides 40 dB antialias rejection when
sampling at 200 kSPS. The flexible digital filter is pin driven, yields
improvements in SNR, and reduces the 3 dB bandwidth.
1 Patent pending.


Similar Part No. - EVAL-AD7606-6EDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7606-6SDZ AD-EVAL-AD7606-6SDZ Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
More results

Similar Description - EVAL-AD7606-6EDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7616 AD-AD7616 Datasheet
1Mb / 51P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
   8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com