Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CED1Z Datasheet(PDF) 7 Page - Analog Devices

Part # CED1Z
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CED1Z Datasheet(HTML) 7 Page - Analog Devices

Back Button CED1Z Datasheet HTML 3Page - Analog Devices CED1Z Datasheet HTML 4Page - Analog Devices CED1Z Datasheet HTML 5Page - Analog Devices CED1Z Datasheet HTML 6Page - Analog Devices CED1Z Datasheet HTML 7Page - Analog Devices CED1Z Datasheet HTML 8Page - Analog Devices CED1Z Datasheet HTML 9Page - Analog Devices CED1Z Datasheet HTML 10Page - Analog Devices CED1Z Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 7 of 36
TIMING SPECIFICATIONS
AVCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 5.25 V, VREF = 2.5 V external reference/internal reference, TA = TMIN to TMAX, unless otherwise noted.1
Table 3.
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
PARALLEL/SERIAL/BYTE MODE
tCYCLE
1/throughput rate
5
μs
Parallel mode, reading during or after conversion; or serial mode: VDRIVE =
4.75 V to 5.25 V, reading during a conversion using DOUTA and DOUTB lines
5
μs
Serial mode reading during conversion; VDRIVE = 3.3 V
9.7
μs
Serial mode reading after a conversion; VDRIVE = 2.3 V, DOUTA and DOUTB lines
tCONV2
Conversion time
3.45
4
4.15
μs
Oversampling off; AD7606
3
μs
Oversampling off; AD7606-6
2
μs
Oversampling off; AD7606-4
7.87
9.1
μs
Oversampling by 2; AD7606
16.05
18.8
μs
Oversampling by 4; AD7606
33
39
μs
Oversampling by 8; AD7606
66
78
μs
Oversampling by 16; AD7606
133
158
μs
Oversampling by 32; AD7606
257
315
μs
Oversampling by 64; AD7606
tWAKE-UP STANDBY
100
μs
STBY rising edge to CONVST x rising edge; power-up time from
standby mode
tWAKE-UP SHUTDOWN
Internal Reference
30
ms
STBY rising edge to CONVST x rising edge; power-up time from
shutdown mode
External Reference
13
ms
STBY rising edge to CONVST x rising edge; power-up time from
shutdown mode
tRESET
50
ns
RESET high pulse width
tOS_SETUP
20
ns
BUSY to OS x pin setup time
tOS_HOLD
20
ns
BUSY to OS x pin hold time
t1
40
ns
CONVST x high to BUSY high
t2
25
ns
Minimum CONVST x low pulse
t3
25
ns
Minimum CONVST x high pulse
t4
0
ns
BUSY falling edge to CS falling edge setup time
t53
0.5
ms
Maximum delay allowed between CONVST A, CONVST B rising edges
t6
25
ns
Maximum time between last CS rising edge and BUSY falling edge
t7
25
ns
Minimum delay between RESET low to CONVST x high
PARALLEL/BYTE READ
OPERATION
t8
0
ns
CS to RD setup time
t9
0
ns
CS to RD hold time
t10
RD low pulse width
16
ns
VDRIVE above 4.75 V
21
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
32
ns
VDRIVE above 2.3 V
t11
15
ns
RD high pulse width
t12
22
ns
CS high pulse width (see
);
Figure 5 CS and RD linked


Similar Part No. - CED1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CED1Z AD-CED1Z Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit
REV. A
CED1Z AD-CED1Z Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
CED1Z AD-CED1Z Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
CED1Z AD-CED1Z Datasheet
878Kb / 37P
   8-Channel Differential DAS
More results

Similar Description - CED1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7616 AD-AD7616 Datasheet
1Mb / 51P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
   8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com