Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQ172-4SA-CV Datasheet(PDF) 7 Page - Hirose Electric

Part # MQ172-4SA-CV
Description  Micro-Miniature Interface Connectors For Power Supply/Signaling
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MQ172-4SA-CV Datasheet(HTML) 7 Page - Hirose Electric

  MQ172-4SA-CV Datasheet HTML 1Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 2Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 3Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 4Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 5Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 6Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
MQ172 SeriesqMicro-Miniature Interface Connectors For Power Supply / Signaling
B
Recommended Temperature Profile
(soldering requirements)
qBoard
Dimensions: 50X33X0.8(mm)
Material: glass epoxy
qCream soldering
Composition: Sn 96.5 / Ag 3.0 / Cu 0.5
Metal mask thickness: 0.15mm
qReflow method
IR reflow
qMeasurement spot of setting temperature
Housing (mold) surface
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
03/2009


Similar Part No. - MQ172-4SA-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MQ172-4SA-CV HIROSE-MQ172-4SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
More results

Similar Description - MQ172-4SA-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
DF5 HIROSE-DF5 Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Hirose Electric
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
DDK Ltd.
MMCX DDK-MMCX Datasheet
709Kb / 5P
   Micro-Miniature Coaxial Connectors
MMCX-SP-178BU-CR1 DDK-MMCX-SP-178BU-CR1 Datasheet
710Kb / 5P
   Micro-Miniature Coaxial Connectors
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com