Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMD63N02XTC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXMD63N02XTC
Description  DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63N02XTC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXMD63N02XTC Datasheet HTML 1Page - Zetex Semiconductors ZXMD63N02XTC Datasheet HTML 2Page - Zetex Semiconductors ZXMD63N02XTC Datasheet HTML 3Page - Zetex Semiconductors ZXMD63N02XTC Datasheet HTML 4Page - Zetex Semiconductors ZXMD63N02XTC Datasheet HTML 5Page - Zetex Semiconductors ZXMD63N02XTC Datasheet HTML 6Page - Zetex Semiconductors ZXMD63N02XTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit
TYPICAL CHARACTERISTICS
0.1
10
100
036
VDS - Drain Source Voltage (V)
Capacitance v Drain-Source Voltage
0
400
800
ID=1.7A
5
0
Q -Charge (nC)
Gate-Source Voltage v Gate Charge
VDS=16V
Ciss
Coss
Crss
Vgs=0V
f=1Mhz
1
100
700
600
500
300
200
1
2
4
3
12
45
ZXMD63N02X
30
PROVISIONAL ISSUE A - JUNE 1999


Similar Part No. - ZXMD63N02XTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMD63N02XTC DIODES-ZXMD63N02XTC Datasheet
162Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63N02XTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
   20V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2025UFDB DIODES-DMN2025UFDB Datasheet
485Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com