Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX30AM-68P Datasheet(PDF) 6 Page - Hirose Electric

Part # DX30AM-68P
Description  HIGH-DENSITY I/O CONNECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DX30AM-68P Datasheet(HTML) 6 Page - Hirose Electric

Back Button DX30AM-68P Datasheet HTML 2Page - Hirose Electric DX30AM-68P Datasheet HTML 3Page - Hirose Electric DX30AM-68P Datasheet HTML 4Page - Hirose Electric DX30AM-68P Datasheet HTML 5Page - Hirose Electric DX30AM-68P Datasheet HTML 6Page - Hirose Electric DX30AM-68P Datasheet HTML 7Page - Hirose Electric DX30AM-68P Datasheet HTML 8Page - Hirose Electric DX30AM-68P Datasheet HTML 9Page - Hirose Electric DX30AM-68P Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
228
3. One Touch Lock, Receptacle Right Angle Type
DX
10
M − 50
S
E (50)
(4)
(1)
(7)
(2)
(3) (1)
(5) (6)
1) Series No.: DX--M
2) Wiring style 10: Right angle type
3) Lock style (one touch lock type)
Blank : (Receptacle case material: zinc alloy die cast)
G
: (Receptacle case material: steel)
Ordering Information
4) No. of pins: 14, 20, 26, 36, 50, 68
5) Mating type S: Receptacle
6) Board-fitting type
Blank : Screw on type
E
: Lock pin type
7) Individual specifications
(50)
:Dip portion gold plated
Material Treatment
Item
Receptacle case
Shell
Insulators
Female terminal
Material
Zinc alloy die cast or steel
Steel
PBT
Copper alloy
Remarks
Nickel plating
Nickel plating
Black(UL94V-0)
Selective gold plating
3.1 Board Screw on Type
DX10GM-68S(50)
HRS No.
No.of pin
Parts No.
A
B
C
D
E
RoHS
CL230-5223-0-50
CL230-5177-5-50
CL230-5225-6-50
CL230-5226-9-50
14
20
26
36
DX10G1M-14S(50)
DX10GM-20S(50)
DX10G1M-26S(50)
DX10G1M-36S(50)
23.64
27.45
31.26
37.61
17.14 29.54
7.62
23.64
27.45
31.26
37.61
YES
20.95 33.35 11.43
24.76 37.16 15.24
31.11 43.51 21.59
CL230-5227-1-50
50
DX10G1M-50S(50) 46.50
46.50
40.00 52.40 30.48
CL230-5181-2-50
68
DX10GM-68S(50) 57.93
57.93
51.43 63.83 41.91
Unit: mm
3.2 Board Lock Pin Harpoon Type
DX10G1M-50SE(50)
HRS No.
No.of pin
Parts No.
A
B
C
D
E
RoHS
CL230-5210-9-50
CL230-5130-1-50
CL230-5212-4-50
CL230-5213-7-50
14
20
26
36
DX10G1M-14SE(50)
DX10GM-20SE(50)
DX10G1M-26SE(50)
DX10G1M-36SE(50)
23.64
27.45
31.26
37.61
17.14 29.54
7.62
23.64
27.45
31.26
37.61
YES
20.95 33.35 11.43
24.76 37.16 15.24
31.11 43.51 21.59
CL230-5214-0-50
50
DX10G1M-50SE(50) 46.50
46.50
40.00 52.40 30.48
CL230-5134-2-50
68
DX10GM-68SE(50) 57.93
57.93
51.43 63.83 41.91
Unit: mm
Mark display ▽
Mark display ▽
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
04/2009


Similar Part No. - DX30AM-68P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DX30AM-100P ETC-DX30AM-100P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
DX30AM-14P ETC-DX30AM-14P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
DX30AM-36P ETC-DX30AM-36P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
DX30AM-G8P ETC-DX30AM-G8P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
More results

Similar Description - DX30AM-68P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX30M-50-CV HIROSE-DX30M-50-CV Datasheet
1Mb / 10P
   DXM SERIES HIGH-DENSITY I/O CONNECTOR
logo
Red Lion Controls. Inc
E3_IO REDLION-E3_IO Datasheet
636Kb / 3P
   Rugged High-Density I/O Modules
logo
Hirose Electric
DX30AJ-26P-CP3 HIROSE-DX30AJ-26P-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
logo
IDEC Corporation
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
   PLC High Density Analog I/O Module
logo
Red Lion Controls. Inc
RAM-9000 REDLION-RAM-9000 Datasheet
452Kb / 3P
   High-Density I/O RTUs with GPS and Local Control
logo
Allen-Bradley
1734-IE8C ALLEN-BRADLEY-1734-IE8C Datasheet
1Mb / 14P
   POINT I/O 8 Channel High Density Current Input Module
September 2022
logo
List of Unclassifed Man...
PCI-8056 ETC2-PCI-8056 Datasheet
63Kb / 2P
   High Density, Isolated 32 D/I and 24 D/O Board
logo
Molex Electronics Ltd.
0482036762 MOLEX6-0482036762 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle
0482036063 MOLEX6-0482036063 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
   SMT High Speed I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com