Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-105 Datasheet(PDF) 7 Page - Hirose Electric

Part # CM-105
Description  Power Supply Connectors For Industrial Equipment
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CM-105 Datasheet(HTML) 7 Page - Hirose Electric

  CM-105 Datasheet HTML 1Page - Hirose Electric CM-105 Datasheet HTML 2Page - Hirose Electric CM-105 Datasheet HTML 3Page - Hirose Electric CM-105 Datasheet HTML 4Page - Hirose Electric CM-105 Datasheet HTML 5Page - Hirose Electric CM-105 Datasheet HTML 6Page - Hirose Electric CM-105 Datasheet HTML 7Page - Hirose Electric CM-105 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
sCrimp contact
Applicable wire size
Packaging
Part No.
CL No.
Quantity
RoHS
16, 18
Reel
Bag
PX50-SC-231
PX50-SC-131
236-0003-5
236-0008-9
5,000
200
YES
Please order by integral multiple of the packing volume.
sTools
Type
Description
Part No.
CL No.
Applicable contacts
Automatic
Manual
Contact extraction tool
Press unit
Applicator
Hand tool (✽)
CM-105
AP105-PX50-3
HT104/PX50-3
PX50-SC-TC
901-0005-4
901-2573-8
250-0229-4
250-0233-1
PX50-SC-131
PX50-SC-✽31
PX50-SC-231
✽ For our manual crimping tools, we employ the rotate-replace procedure to use the crimper depending on wire size.
Note : Since manual crimping tool cannot provide fine adjustment of crimp height, please use the proper crimp height of auto crimper in crimping of
the wires other than specified ones
Applicable AWG size
Rotate to set the crimper such that applicable
AWG size fits the crimping section.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - CM-105

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CM-105 HIROSE-CM-105 Datasheet
2Mb / 22P
   MAIN UNIT OF CRIMPING MACHINE
CM-105 HIROSE-CM-105 Datasheet
205Kb / 4P
   Crimp Contact for Direct Joining Thick Wire PCB
CM-105 HIROSE-CM-105 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
CM-105 HIROSE-CM-105 Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
CM-105 HIROSE-CM-105 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - CM-105

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Vitec Power
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA25B Vitec-SIDA25B Datasheet
389Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com