Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX60-12BS Datasheet(PDF) 6 Page - Hirose Electric

Part # LX60-12BS
Description  Ultra Low-profile Interface Connectors with 2.0 mm Mounting Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LX60-12BS Datasheet(HTML) 6 Page - Hirose Electric

  LX60-12BS Datasheet HTML 1Page - Hirose Electric LX60-12BS Datasheet HTML 2Page - Hirose Electric LX60-12BS Datasheet HTML 3Page - Hirose Electric LX60-12BS Datasheet HTML 4Page - Hirose Electric LX60-12BS Datasheet HTML 5Page - Hirose Electric LX60-12BS Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
LX Series
Ultra Low-profile Interface Connectors with 2.0 mm Mounting Height
■Receptacles Recommended Temperature Profile
B
Applicable Plug Cable
B
Mated Condition Dimensions
Cable diameter
Wire size
Part number
Ø4 max.
Ø4.5 max.
Ø5 max.
Ø0.6 mm max. (AWG 30 to 32 or equivalent)
LX40-12P
LX40-16P
LX40-20P
Note 1: Applicable cable sizes are guidelines. (There may be slight differences depending on the cable outer insulation)
Note 2: Cables must be attached using single piece overmolded bushings on the cable.
Note 3: Please refer to applicable Cable Termination Procedures Manual for correct plug assembly and cable termination.
Note 4: Contact HRS for cable assemblies.
(ç)
250
200
150
100
50
180ç
150ç
230ç min.
90±30s
90±10s
PEAK:250
ç
+5
0
Plug
2
1.4
(mm)
Receptacle
HRS test conditions
Solder composition
Paste, 96.5%Sn/3.0%Ag/0.5%Cu
Test board
Glass epoxy 35mm x 35mm x 0.8mm thick
The temperature profiles are based on the above
conditions. In individual applications the actual
temperature may vary, depending on solder
paste type, volume/thickness and board
size/thickness. Contact your solder paste and
equipment manufacture for specific
recommendations.
(mm)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LX60-12BS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX6 BANNER-LX6 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
Microsemi Corporation
LX6431 MICROSEMI-LX6431 Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431 MICROSEMI-LX6431 Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431A MICROSEMI-LX6431A Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX60-12BS

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
   2.0 mm low profile
logo
PETERMANN-TECHNIK
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
   HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
MS4 PETERMANN-MS4 Datasheet
69Kb / 1P
   HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
logo
MMD Components
WC146SM MMD-WC146SM_18 Datasheet
118Kb / 2P
   Ultra Low Profile with 1.4mm Height max
logo
Omron Electronics LLC
A6H4102P OMRON-A6H4102P Datasheet
393Kb / 4P
   Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Power System Technology
PST21 PST-PST21 Datasheet
512Kb / 6P
   Chassis mounting applications, low profile
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com