Selected language     English  ▼


W.FL-2LP-04N1T-A Datasheet(PDF) 5 Page - Hirose Electric

Part No. W.FL-2LP-04N1T-A
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 5 page
background image
5
W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
( Ø15
40
( 100 )
)
Part No.
W.FL-LP-N
CL No.
RoHS
331-0492-0
YES
sPlug Extraction Tool
sConversion Adapters
q SMA Conversion Adapter (W.FL side jack – SMA side plug)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
q SMA Conversion Adapter (W.FL side plug – SMA side jack)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
q SMA Conversion Adapter
Note:When mating with corresponding part (W.FL-
R-SMT-1) it must be pressed down and held
to make complete connection.
5.5
(4 )
( 18.35
)
6
1/4-36UNS-2A
Part No.
HRMJ-W.FLP-ST1(40)
CL No.
RoHS
311-0386-8-40
YES
1/4-36UNS-2A
6
( 4.05 )
13.8
5.6
SMA
W.FL
8HEX
W.FL
SMA
(10.3)
YES
Part No.
HRMP-W.FLJ(40)
CL No.
311-0367-3-40
RoHS
YES
Part No.
HRMJ-W.FLP(40)
CL No.
311-0368-6-40
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl