Selected language     English  ▼


W.FL-LP-N Datasheet(PDF) 2 Page - Hirose Electric

Part No. W.FL-LP-N
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 2 page
background image
W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
2
sSpecifications
Item
Specification
Conditions
1. Contact resistance
10mA max.
2. Insulation resistance
500M ohms min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown
200V AC / 1 minute
4. V.S.W.R.*
5. Durability
20 cycles
6. Vibration
7. Shock
8. Humidity
96 hours at temperature of +40°C and humidity of 95%
9. Temperature cycle
10. Salt spray test
No excessive corrosion
5% salt water solution, 48 hours
Center contact: 20m ohms max.
Outer contact: 10m ohms max.
Acceleration of 735 m/s2, 11 ms continuous time
Waveform: sine half-wave, 3 cycles in each of the
3 axis
Temperature:-40°C/+5°C to +35°C/+90°C/+5°C to +35°C
Time: 30 min./ 3 min. / 30 min. / 3 min.
5 cycles
Frequency: 10 to 100 Hz, single amplitude of 1.5mm
Acceleration: 59 m/s2, in each of 3 axis
5 cycles
Contact resistance
Center contact: 25m ohms max.
Outer contact: 15m ohms max.
No damage, cracks, or parts dislocation
1.3 Max.
1.35 Max.
Up to 3 GHz
3 to 6 GHz
No electrical discontinuity of 1 µs or longer
No damage, cracks, or parts dislocation
No electrical discontinuity of 1 µs or longer
No damage, cracks, or parts dislocation
Insulation resistance: 10M ohms min. (high humidity)
Insulation resistance: 500M ohms min. (dry)
No damage, cracks, or parts dislocation
Nominal characteristic impedance
Frequency range
50 ohms
DC to 6 GHz
Operating temperature range
Operating humidity
-40°C to +90°C
90% RH max.
Ratings
*V.S.W.R. Measurement System
Measured as shown on the block diagram below.
Note1: Measurement way of a W.FL Cable assembly (plug)
W.FL Cable assembly (plug) is measured with SMA conversion adapters
mated with W.FL plugs at both ends of a 100cm coaxial cable harness
Note2: Measurement way of a W.FL receptacle
W.FL receptacle, which is mounted on a 50 ohms glass epoxy board, is
measured with a SMA conversion adapter.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
sMaterials / Finishes
Shell
Phosphor bronze
Silver plated
-------
Female center contact
Phosphor bronze
Gold plated
-------
Insulator
PBT
Color: Black
UL94V-0
Part
Material
Finish
Remarks
qPlug – right angle
qReceptacle
Male center contact
Brass
Gold plated
-------
Insulator
LCP
Color: Black
UL94V-0
Shell
Phosphor bronze
Silver plated
-------
Part
Material
Finish
Remarks
No damage, cracks, or parts dislocation
Contact resistance:
25m ohms max. (Center)
15m ohms max. (Outer)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl