Selected language     English  ▼


W.FL-LP-N Datasheet(PDF) 3 Page - Hirose Electric

Part No. W.FL-LP-N
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 3 page
background image
3
W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
sReceptacle
Note : Receptacles of (10) specification are sold by the reel
(2,000 pieces).
Order by reel.
0.3
0.85
0.25
0.3
2
1.7
SIG
GND
BRecommended PCB
mounting pattern
GND
No conductive traces in this area
2.6
1.4
0.5
SIG
Part Number
CL No.
Packaging
CL331-0482-6-10
CL331-0482-6-40
Reel (2000 pieces/reel)
Reel (5000 pieces/reel)
W.FL-R-SMT-1(10)
W.FL-R-SMT-1(40)
Weight / EA
RoHS
5.6 mg
YES
All dimensions: mm
BPackaging Specifications
4
2
8
Center contact terminal
Unreeling direction
W.FL-R-SMT-1(10):
Reel material: Corrugated board
W.FL-R-SMT-1(40):
Reel material: Plastic
1.8
14
Ø13
Ø21
14
1.8
Ø13
Ø21
Embossed Carrier Tape Dimensions
Reel Dimensions
All dimensions: mm
Recommended screen thickness: 0.1mm to 0.12mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl