Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMD65P03N8 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXMD65P03N8
Description  DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD65P03N8 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXMD65P03N8 Datasheet HTML 1Page - Zetex Semiconductors ZXMD65P03N8 Datasheet HTML 2Page - Zetex Semiconductors ZXMD65P03N8 Datasheet HTML 3Page - Zetex Semiconductors ZXMD65P03N8 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PROVISIONAL ISSUE A - MAY 2001
ZXMD65P03N8
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNI
T
CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
-30
V
I
D=-250µA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
-1
µA V
DS=-24V, VGS=0V
Gate-Body Leakage
I
GSS
-100
nA
V
GS=±12V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
-1.0
V
I
D
=-250
µA, V
DS=VGS
Static Drain-Source On-State Resistance
(1)
R
DS(on)
0.055
0.080
V
GS=-10V, ID=-4.9A
V
GS=-4.5V, ID=-3.6A
Forward Transconductance (1)(3)
g
fs
8.8
S
V
DS=-15V,ID=-4.9A
DYNAMIC (3)
Input Capacitance
C
iss
930
pF
V
DS=-25 V, VGS=0V,
f=1MHz
Output Capacitance
C
oss
311
pF
Reverse Transfer Capacitance
C
rss
113
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
3.8
ns
V
DD =-15V, ID=-4.9A
R
G=6.0Ω,VGS=-10V
Rise Time
t
r
6.4
ns
Turn-Off Delay Time
t
d(off)
49.5
ns
Fall Time
t
f
26.2
ns
Gate Charge
Q
g
13
nC
V
DS=-15V,VGS=-5V
ID=-4.9A
Total Gate Charge
Q
g
25.7
nC
V
DS=-15V,VGS=-10V
ID=-4.9A
Gate-Source Charge
Q
gs
3.2
nC
Gate Drain Charge
Q
gd
7.0
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.95
V
T
j=25°C, IS=-4.9A,
V
GS=0V
Reverse Recovery Time (3)
t
rr
31.5
ns
T
j=25°C, IF=-4.9A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Q
rr
63.9
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMD65P03N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
54Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD65P02N8TA ZETEX-ZXMD65P02N8TA Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD65P02N8TA ZETEX-ZXMD65P02N8TA Datasheet
54Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD65P02N8TC ZETEX-ZXMD65P02N8TC Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD65P03N8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
210Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
   30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com