Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R7-30PL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN2R7-30PL
Description  N-channel 30 V 2.7 m廓 logic level MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R7-30PL Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN2R7-30PL Datasheet HTML 1Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 2Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 3Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 4Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 5Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 6Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 7Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 8Page - NXP Semiconductors PSMN2R7-30PL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PSMN2R7-30PL_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 26 February 2010
2 of 14
NXP Semiconductors
PSMN2R7-30PL
N-channel 30 V 2.7 m
Ω logic level MOSFET
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1G
gate
SOT78 (TO-220AB)
2D
drain
3S
source
mb
D
mounting base; connected to
drain
12
mb
3
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN2R7-30PL
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78


Similar Part No. - PSMN2R7-30PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R7-30PL ISC-PSMN2R7-30PL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R7-30PL NEXPERIA-PSMN2R7-30PL Datasheet
818Kb / 15P
   N-channel 30 V 2.7 mΩ logic level MOSFET in TO-220
Rev. 02 - 2 November 2010
More results

Similar Description - PSMN2R7-30PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
   N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
   N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
   N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
PSMN1R6-30PL127 NXP-PSMN1R6-30PL127 Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
   N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
   Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
   Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com