Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN003-30P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN003-30P
Description  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN003-30P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN003-30P Datasheet HTML 3Page - NXP Semiconductors PSMN003-30P Datasheet HTML 4Page - NXP Semiconductors PSMN003-30P Datasheet HTML 5Page - NXP Semiconductors PSMN003-30P Datasheet HTML 6Page - NXP Semiconductors PSMN003-30P Datasheet HTML 7Page - NXP Semiconductors PSMN003-30P Datasheet HTML 8Page - NXP Semiconductors PSMN003-30P Datasheet HTML 9Page - NXP Semiconductors PSMN003-30P Datasheet HTML 10Page - NXP Semiconductors PSMN003-30P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN003-30P_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 25 February 2010
7 of 14
NXP Semiconductors
PSMN003-30P
N-channel TrenchMOS intermediate level FET
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Fig 8.
Gate-source threshold voltage as a function of
junction temperature
03af50
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
2
2.5
VDS (V)
ID
(A)
3.8 V
4 V
Tj = 25 °C
20 V
3.6 V
4.2 V
4.6 V
15 V
4.4 V
5 V
4.8 V
3.4 V
VGS = 10 V 7 V 5.2 V
03af52
0
20
40
60
80
100
012
3456
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 25 °C
175
°C
03af66
1
012
3
4
VGS (V)
(A)
min
typ
max
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
ID
03af65
0
1
2
3
4
-60
20
100
180
(V)
max
min
typ
Tj (
°C)
VGS(th)


Similar Part No. - PSMN003-30P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN003-30P PHILIPS-PSMN003-30P Datasheet
291Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 October 2001
logo
Nexperia B.V. All right...
PSMN003-30P NEXPERIA-PSMN003-30P Datasheet
349Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 02 - 25 February 2010
More results

Similar Description - PSMN003-30P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com