Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF14-3032SCF Datasheet(PDF) 8 Page - Hirose Electric

Part # DF14-3032SCF
Description  1.25mm Pitch Super Low profile Crimping Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-3032SCF Datasheet(HTML) 8 Page - Hirose Electric

  DF14-3032SCF Datasheet HTML 1Page - Hirose Electric DF14-3032SCF Datasheet HTML 2Page - Hirose Electric DF14-3032SCF Datasheet HTML 3Page - Hirose Electric DF14-3032SCF Datasheet HTML 4Page - Hirose Electric DF14-3032SCF Datasheet HTML 5Page - Hirose Electric DF14-3032SCF Datasheet HTML 6Page - Hirose Electric DF14-3032SCF Datasheet HTML 7Page - Hirose Electric DF14-3032SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
B241
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
1. Recommended Temperature Profile (SMT)
Note 1.Up to 2 cycles of Reflow soldering are possible under the same conditions, provided
that there is a return to normal temperature between the first and second cycle.
Note 2.The temperature profile indicates the board surface temperature at the point of
contacts with the connector terminals.
2. Recommended Manual Soldering Condition (SMT)
Manual soldering: 290ç for 2 seconds
3. Recommended Screen Thickness (SMT)
0.15 to 0.2mm
4. Board Sled (SMT)
Max 0.03mm at the connector center area, based on both connector edges
5. Cleaning Condition
Refer to Nylon Connector Use Hand book.
6. Connection Condition
Refer to Nylon Connector Use Hand book.
sBe careful to carry out the crimping operation according to the "Crimping Condition Sheet"
and "Crimping Quality Reference", because the crimping contact style is too small.
7. Precautions
Refer to Nylon Connector Use Hand book.
8. Cautions
sBe careful for an excessive scoop insertion/extraction, which will cause damage to the
product.
BPrecautions
BPrecautions
Diagonal
Parallel
Diagonal
Parallel
Diagonal
Parallel
Diagonal
Parallel
100ç
150ç
200ç
250ç
Max. 240
220
Time
Temperature
10s max.
60 to 120s
Preheating
60s max.
Soldering
IR reflow condition
Preheating area 150ç for 60 to 120 seconds
Soldering area 250 for 10 seconds max.
220ç min. 60 seconds max.
Precautions at Time of InsertionPrecautions at Time of Disconnection
Handling
Method: Lightly grasping the base of the cable, press the
connector with your finger and insert it.
Handling
Method: Grasp the cable so that the entire cable is pulled
evenly and pull it out.
Insertion Angle
[Caution] Do not insert at an angle of 30° or greater. Doing so
will cause contact deformation or case damage.
Method: Insert with the connector parallel.
Angle of Removal
[Caution] Do not remove at an angle of 30° or greater. Doing so
will cause contact deformation or case damage.
Method: Remove with the connector parallel.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF14-3032SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-3032SCF HIROSE-DF14-3032SCF Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-3032SCF HIROSE-DF14-3032SCF Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-3032SCF HIROSE-DF14-3032SCF Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-3032SCFA HIROSE-DF14-3032SCFA Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-3032SCFA HIROSE-DF14-3032SCFA Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results

Similar Description - DF14-3032SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com