Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SZ126AFS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SZ126AFS
Description  Bus Buffer With 3-STATE Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ126AFS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ126AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ126AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ126AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ126AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ126AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ126AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7SZ126AFS
2009-09-30
4
AC特性 (特に指定がない場合, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
項目
記号
測定条
VCC (V)
最小
標準
最大
最小
最大
単位
1.8
± 0.15
2.0
5.3
13.0
2.0
13.5
2.5
± 0.2
0.8
3.4
7.5
0.8
8.0
3.3
± 0.3
0.5
2.5
5.2
0.5
5.5
CL = 15 pF, RL = 1MΩ
5.0
± 0.5
0.5
2.1
4.5
0.5
4.8
3.3
± 0.3
1.5
3.2
5.7
1.5
6.0
伝搬遅
延時間
tpLH
tpHL
CL = 50 pF, RL = 500Ω
5.0
± 0.5
0.8
2.6
5.0
0.8
5.3
ns
1.8
± 0.15
2.0
8.0
14.5
2.0
15.0
2.5
± 0.2
1.5
4.6
8.5
1.5
9.0
3.3
± 0.3
1.5
3.5
6.2
1.5
6.5
出力イネーブル時間
tpZL
tpZH
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.8
2.8
5.5
0.8
5.8
ns
1.8
± 0.15
2.0
7.0
13.0
2.0
13.5
2.5
± 0.2
1.5
3.5
8.0
1.5
8.5
3.3
± 0.3
1.0
2.8
5.7
1.0
6.0
出力ディセー ブル時 間
tpLZ
tpHZ
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.5
2.1
4.7
0.5
5.0
ns
力容量
CIN
0~5.5
4
pF
力容量
COUT
0~5.5
4
pF
3.3
12
等価内
部容量
CPD
(注 3)
5.5
22
pF
(注 3): CPD は無負荷時の動作消費電流から算出した IC 内部の等価容量です。
無負荷時の平均動作消費電流は、次式から求められます。
ICC (opr.) = CPD・VCC・fIN + ICC
AC項目測定回路図
スイッチ位置
tpLH, tpHL
Open
tpLZ, tpZL
VCC × 2
tpHZ, tpZH
GND
Output
VCC × 2
RL
CL
RL
Measure
Open
GND


Similar Part No. - TC7SZ126AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results

Similar Description - TC7SZ126AFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com