Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF10-WBR-4P Datasheet(PDF) 6 Page - Hirose Electric

Part # LF10-WBR-4P
Description  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF10-WBR-4P Datasheet(HTML) 6 Page - Hirose Electric

Back Button LF10-WBR-4P Datasheet HTML 2Page - Hirose Electric LF10-WBR-4P Datasheet HTML 3Page - Hirose Electric LF10-WBR-4P Datasheet HTML 4Page - Hirose Electric LF10-WBR-4P Datasheet HTML 5Page - Hirose Electric LF10-WBR-4P Datasheet HTML 6Page - Hirose Electric LF10-WBR-4P Datasheet HTML 7Page - Hirose Electric LF10-WBR-4P Datasheet HTML 8Page - Hirose Electric LF10-WBR-4P Datasheet HTML 9Page - Hirose Electric LF10-WBR-4P Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
LF Series
Miniature Waterproof Shielded Connectors
■Termination and Assembly Instructions
No.
Illustration
Operation
Solder termination fixture
1
Plug
1
Plug disassembly
Insertion direction
Body / insulator assembly
Locking collar
Backshell
2
1
2
1
2
1
2
Solder termination fixture
Jack
Insertion direction
Body / insulator assembly
Backshell
Jack Disassembly
Insert the plug into securely held solder
termination fixture as shown.
Loosen the backshell turning it counter
clockwise and remove it from the body/
insulator assembly.
Insert the jack into the securely held solder
termination fixture as shown.
Loosen the backshell turning it
counterclockwise.
Note
1
2
Connector Assembly
(1)
(2)
(3)
Backshell
Threaded section
Tightening collar
Threaded section
1 Apply a coating of Loctite 7649
(Manufactured by Henckel Japan, Ltd,)
primer to the threaded sections of the
backshell and the tightening collar.
Completely dry the coated surfaces.
Drying time at room temperature is
approximately 30 to 70 seconds.
Ensure sufficient ventilation of the area at
time of drying.
Take necessary steps to protect the coated
surfaces from contamination.
Fixture Part No.
Applicable connector
LF07BP-T01 LF07WBP-6S,6P,3S,3P
LF10BP-T01
LF13BP-T01
LF10WBP-4S,4P,12S,12P
LF13WBP-20S,20P,11S,11P
Fixture Part No.
Applicable connector
LF07BJ-T01 LF07WBJ-6S,6P,3S,3P
LF10BJ-T01
LF13BJ-T01
LF10WBJ-4S,4P,12S,12P
LF13WBJ-20S,20P,11S,11P
The connectors are delivered with pre-assembed condition and the disassembly as shown No.1.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LF10-WBR-4P

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
   1.2mm 2 Pin Ceramic Surface Mount Crystal
logo
Tyco Electronics
LF10 MACOM-LF10 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF100 MACOM-LF100 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF1000C MACOM-LF1000C Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
LEM
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
   Current Transducer LF 1005-S
More results

Similar Description - LF10-WBR-4P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com