Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX15S-31P-C Datasheet(PDF) 6 Page - Hirose Electric

Part # FX15S-31P-C
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15S-31P-C Datasheet(HTML) 6 Page - Hirose Electric

Back Button FX15S-31P-C Datasheet HTML 2Page - Hirose Electric FX15S-31P-C Datasheet HTML 3Page - Hirose Electric FX15S-31P-C Datasheet HTML 4Page - Hirose Electric FX15S-31P-C Datasheet HTML 5Page - Hirose Electric FX15S-31P-C Datasheet HTML 6Page - Hirose Electric FX15S-31P-C Datasheet HTML 7Page - Hirose Electric FX15S-31P-C Datasheet HTML 8Page - Hirose Electric FX15S-31P-C Datasheet HTML 9Page - Hirose Electric FX15S-31P-C Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
B278
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-2830PCFB
sPlug crimp contacts
CL No.
Part number
Packaging
Quantity
Finish
RoHS
CL575-2002-0
CL575-2003-3
FX15-2830PCFB
FX15-3032PCFB
Reel
20,000 pieces per reel
Gold plated
YES
Applicable wire size
(Stranded wire conductor)
Jacket diameter
UL No.
AWG #28 (7/0.127 mm)
AWG #30 (7/0.1 mm)
Ø0.56 to 0.72mm
1517
1571
Applicable crimp contact
FX15-2830PCFB
FX15-3032PCFB
–––––––––
0.72±0.1
0.35±0.1
t=0.15±0.05
Note: When using other than the recommended wire, contact
your nearest Hirose representative.
Note: Consult HRS representative when using applicator.
qApplicable cable (Tin plated solid soft strands)
qWire strip length: 1.1 to 1.8 mm
FX15-3032PCFB
Applicable wire size
(Stranded wire conductor)
Jacket diameter
UL No.
AWG #30 (7/0.1 mm)
AWG #32 (7/0.08 mm)
Ø0.5 to 0.6mm
1516, 1571 (Note)
1571
Product number
Item
CL No.
AP105-FX15-2830
AP105-FX15-3032
CM-105
Applicator
Press unit
901-4036-0
901-4033-1
901-0005-4
qTools
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX15S-31P-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15S-31P-C HIROSE-FX15S-31P-C Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-31P-C HIROSE-FX15S-31P-C Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15S-31P-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com