Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF76LBRW-30P-1H Datasheet(PDF) 10 Page - Hirose Electric

Part # MDF76LBRW-30P-1H
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76LBRW-30P-1H Datasheet(HTML) 10 Page - Hirose Electric

Back Button MDF76LBRW-30P-1H Datasheet HTML 4Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 5Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 6Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 7Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 8Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 9Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 10Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 11Page - Hirose Electric MDF76LBRW-30P-1H Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MDF76-2836PCFA(41)
Crimped contact
MDF76-30P-1C
Plug
Horizontal insertion !
Insert
Figure 2. Crimped Contact Insertion
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
10
MDF76-30P-1C
Figure 3. Angular mating / unmating
PCB
MDF76 # W-30S-1H(**)
Receptacle
20° Max.
Mating / unmating of the connectors should be done in the direction
parallel to the receptacle’s mounting surface. Do not attempt to
mate/unmate in any other direction.
Note: The connectors will self-guide themselves within the 20° angle,
as shown in Fig. 3.
Contact must be inserted horizontally oriented as shown on Fig. 2
Do NOT attempt to insert crimped contact in any other direction.
Do not mate / unmate the connectors when the receptacle is NOT
mounted on the PC board.
Differences in color shade of molded components will not affect form, fit
or function.
Contact HRS if additional information is required.
9.Connector mating / unmating
8.Crimped contact insertion
10.Precautions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF76LBRW-30P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76LBRW-30S-1H(55) HIROSE-MDF76LBRW-30S-1H(55) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF76LBRW-30P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com