Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF76GW-30P-1H Datasheet(PDF) 7 Page - Hirose Electric

Part # MDF76GW-30P-1H
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76GW-30P-1H Datasheet(HTML) 7 Page - Hirose Electric

Back Button MDF76GW-30P-1H Datasheet HTML 3Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 4Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 5Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 6Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 7Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 8Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 9Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 10Page - Hirose Electric MDF76GW-30P-1H Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
(1)
40.65±0.1
1.2±0.1
P=1±0.03
29±0.05
31±0.05
37.65±0.05
(0.3)
0.8±0.08
0.6±0.05
No.1(Ground) (Note)
Note: For MDF76LBRW, MDF76URW, No.32 (Ground and No. 31 (Signal) are on left side.
No.2(Signal) (Note)
No.31(Signal)
No.32
(Ground)
Gold plated
sReceptacles (High profile)
qRight angle, Standard, top board, SMT
sRecommended PCB mounting pattern
qMid-mount
Contact pitch = 1
1.3
29
3.45
No.1 (Ground)
0.4
Lead pitch=1
No.2 (Signal)
31
No.32 (Ground)
No.31 (Signal)
37.35
40.05
0.4
Insulator Color
Packaging
Above the mounting surface
Beige
2,500 pcs. / reel
2.35 mm
Part Number
CL No.
Number of contacts
RoHS
MDF76GW-30S-1H(55)
547-0916-6-55
30
YES
For receptacles:
MDF76KBW-30S-1H(**)
MDF76LBRW-30S-1H(**)
MDF76TW-30S-1H(**)
MDF76URW-30S-1H(**)
P=1±0.05
31±0.05
0.8±0.1
0.6±0.05
No.1(Ground)
No.2(Signal)
No conductive traces
No.31(Signal)
No.32
(Ground)
36.85±0.1
1.8±0.1
(40.45)
1.5±0.05
(37.35±0.3)
0.3±0.15
qTop board
For receptacles:
MDF76GW-30S-1H(**)
All dimensions: mm
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF76GW-30P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76GW-30S-1H(55) HIROSE-MDF76GW-30S-1H(55) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF76GW-30P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com