Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN10A11G Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMN10A11G
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN10A11G Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMN10A11G Datasheet HTML 1Page - Zetex Semiconductors ZXMN10A11G Datasheet HTML 2Page - Zetex Semiconductors ZXMN10A11G Datasheet HTML 3Page - Zetex Semiconductors ZXMN10A11G Datasheet HTML 4Page - Zetex Semiconductors ZXMN10A11G Datasheet HTML 5Page - Zetex Semiconductors ZXMN10A11G Datasheet HTML 6Page - Zetex Semiconductors ZXMN10A11G Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMN10A11G
ISSUE 1 - MARCH 2002
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
100
V
ID=250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
AVDS=100V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
2.0
4.0
V
I
D
=250 A, VDS=VGS
Static Drain-Source On-State
Resistance (1)
RDS(on)
0.60
0.70
VGS=10V, ID=2.6A
VGS=6V, ID=1.3A
Forward Transconductance (3)
gfs
3.95
S
VDS=15V,ID=2.6A
DYNAMIC (3)
Input Capacitance
Ciss
274
pF
VDS=50V,VGS=0V,
f=1MHz
Output Capacitance
Coss
21
pF
Reverse Transfer Capacitance
Crss
11
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
2.7
ns
VDD =50V, ID=1A
RG=6.0 ,VGS=10V
Rise Time
tr
1.7
ns
Turn-Off Delay Time
td(off)
7.4
ns
Fall Time
tf
3.5
ns
Gate Charge
Qg
3nC
VDS=50V, VGS=5V,
ID=2.5A
Total Gate Charge
Qg
5.4
nC
VDS=50V,VGS=10V,
ID=2.5A
Gate-Source Charge
Qgs
1.4
nC
Gate-Drain Charge
Qgd
1.5
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
0.85
0.95
V
TJ=25°C, IS=1.85A,
VGS=0V
Reverse Recovery Time (3)
trr
26
ns
TJ=25°C, IF=1.0A,
di/dt= 100A/
µs
Reverse Recovery Charge (3)
Qrr
30
nC
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Width
≤300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMN10A11G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
323Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A11G DIODES-ZXMN10A11G Datasheet
647Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A11GTA ZETEX-ZXMN10A11GTA Datasheet
323Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A11GTA DIODES-ZXMN10A11GTA Datasheet
647Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN10A11GTA VBSEMI-ZXMN10A11GTA Datasheet
977Kb / 6P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - ZXMN10A11G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com