Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF4-10DP-2C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF4-10DP-2C
Description  2mm Pitch Connector Directly Mounted on Board
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-10DP-2C Datasheet(HTML) 4 Page - Hirose Electric

  DF4-10DP-2C Datasheet HTML 1Page - Hirose Electric DF4-10DP-2C Datasheet HTML 2Page - Hirose Electric DF4-10DP-2C Datasheet HTML 3Page - Hirose Electric DF4-10DP-2C Datasheet HTML 4Page - Hirose Electric DF4-10DP-2C Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B205
DF4 Series
2mm Pitch Connector Directly Mounted on Board
Unit:mm
CL No.
Part Number
544-0078-3
544-0079-6
544-0080-5
544-0081-8
544-0082-0
544-0083-3
544-0084-6
544-0085-9
544-0086-1
544-0087-4
544-0088-7
544-0089-0
544-0090-9
544-0091-1
544-0092-4
DF4-04DP-2C
DF4-06DP-2C
DF4-08DP-2C
DF4-10DP-2C
DF4-12DP-2C
DF4-14DP-2C
DF4-16DP-2C
DF4-18DP-2C
DF4-20DP-2C
DF4-22DP-2C
DF4-24DP-2C
DF4-26DP-2C
DF4-28DP-2C
DF4-30DP-2C
DF4-32DP-2C
Number of Contacts
04
06
08
10
12
14
16
18
20
22
24
26
28
30
32
A
B
RoHS
04.8
06.8
08.8
10.8
12.8
14.8
16.8
18.8
20.8
22.8
24.8
26.8
28.8
30.8
32.8
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
YES
Note 1.The quantity at the specific No. "None" is delivered per bag (100pcs.). If needed, please order the products per bag.
Note:The dip side may be deviated according to the cable thickness and the crimping contact bent up/down.
■Double Row Crimping Plug
Photo: Contact insertion state
Applicable Through-hole Diameter Ø0.9±0.05
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF4-10DP-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4-10DP-2C HIROSE-DF4-10DP-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
DF4-10DP-2C HIROSE-DF4-10DP-2C Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF4-10DP-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
   2.54mm Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com