Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1EG-04P-2.5DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF1EG-04P-2.5DSA
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1EG-04P-2.5DSA Datasheet(HTML) 3 Page - Hirose Electric

  DF1EG-04P-2.5DSA Datasheet HTML 1Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 2Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 3Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 4Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 5Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 6Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 7Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 8Page - Hirose Electric DF1EG-04P-2.5DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
B148
DF1E Series
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
■Ordering Information
DF1E C - * P - 2.5 DSA
qe
wr
t
y
t
●Pin Header
q Series Name : DF1E
w Hold Types (Note. 1)
e Number of Contacts : 2 to 15 contacts
(note. 2)
r Connector Type
P : Pin Header
t Contact Pitch : 2.5mm
y Form type
DSA : Straight through hole
DS : Right Angle Type
C
Standard Product
With Boss
Without Boss
G
Potting
With Boss
Without Boss
Note 1 : The right angle pin header has no symbol.
Note 2 : The potting header has 2 to 10 contacts.
Note 1 : When the retainer is used, use DF1E-2022SC(F), DF1B-
2428SC(F), and DF1B-30SC(F) contacts.
Note 1 : When no retainer is used, all DF1B-**SC(F) and DF1E-
2022SC(F) contacts can be used.
DF1E - * S - 2.5 C
qe
wt
r
●Socket
q Series Name : DF1E
w Number of Contacts : 2 to 15 contacts
e Connector type
S: Socket
r Contact Pitch : 2.5mm
t Form Type
C : Crimping socket
DF1E - * RS/P - 2.5
q
wr
e
●Retainer
q Series Name : DF1E
w Number of Contacts : 2 to 10 contacts
e Connector Type
RS/P : Retainer
Commonly used for socket and in-line plug
r Contacts Pitch:2.5mm
DF1E A - * EP - 2.5 C
qe
wy
r
●In-line Plug
q Series Name : DF1E
w In-line Plug type
Blank: With Panel mount Lock
A : Without Panel mount Lock
e Number of Contacts : 2 to 10 contacts
r EP : In-line plug
t Contact Pitch : 2.5mm
y Form Type
C : Crimping socket
DF1E - ** SCF
qw
e
●Crimping Contact
q Series Name :
Socket side : DF1B (Note 1)
DF1E (Note 1)
Plug side
: DF1E
w Applicable Cable Size
2022 : AWG#20 to #22
2428 : WG#24 to #28
30
: AWG#30
e Packaging Type
SCF : Female contact : Reel
SC
: Female contact : Bag
PCF : Male contact : Reel
PC
: Male contact : Bag
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1EG-04P-2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF1EG-04P-2.5DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com