Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591T148M352DG Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 591T148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

591T148M352DG Datasheet(HTML) 1 Page - Silicon Laboratories

  591T148M352DG Datasheet HTML 1Page - Silicon Laboratories 591T148M352DG Datasheet HTML 2Page - Silicon Laboratories 591T148M352DG Datasheet HTML 3Page - Silicon Laboratories 591T148M352DG Datasheet HTML 4Page - Silicon Laboratories 591T148M352DG Datasheet HTML 5Page - Silicon Laboratories 591T148M352DG Datasheet HTML 6Page - Silicon Laboratories 591T148M352DG Datasheet HTML 7Page - Silicon Laboratories 591T148M352DG Datasheet HTML 8Page - Silicon Laboratories 591T148M352DG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Rev. 0.25 7/09
Copyright © 2009 by Silicon Laboratories
Si590/591
Si590/591
1 ps M AX J ITTER C RYSTAL O SCILLATOR (XO)
(10 M H Z TO 525 MH Z)
Features
Applications
Description
The Si590/591 XO utilizes Silicon Laboratories’ advanced DSPLL® circuitry
to provide a low jitter clock at high frequencies. The Si590/591 is available
with any-rate output frequency from 10 to 525 MHz. Unlike a traditional XO,
where a unique crystal is required for each output frequency, the Si590/591
uses one fixed crystal to provide a wide range of output frequencies. This IC
based approach allows the crystal resonator to provide exceptional
frequency stability and reliability. In addition, DSPLL clock synthesis provides
superior supply noise rejection, simplifying the task of generating low jitter
clocks in noisy environments typically found in communication systems. The
Si590/591 IC based XO is factory configurable for a wide variety of user
specifications including frequency, supply voltage, output format, and
temperature stability. Specific configurations are factory programmed at time
of shipment, thereby eliminating long lead times associated with custom
oscillators.
Functional Block Diagram
Available with any-rate output
frequencies from 10 MHz to 525 MHz
3rd generation DSPLL® with superior
jitter performance: 1 ps max jitter
Better frequency stability than SAW-
based oscillators
Internal fundamental mode crystal
ensures high reliability
Available CMOS, LVPECL,
LVDS, and CML outputs
3.3, 2.5, and 1.8 V supply options
Industry-standard 5 x 7 mm
package and pinout
Pb-free/RoHS-compliant
–40 to +85 ºC operating
temperature range
SONET/SDH (OC-3/12/48)
Networking
SD/HD SDI/3G SDI video
Test and measurement
Storage
FPGA/ASIC clock generation
Fixed
Frequency
XO
Any-rate
10–525 MHz
DSPLL
®
Clock
Synthesis
VDD
CLK+
CLK–
GND
OE
17 k *
17 k *
*Note: Output Enable High/Low Options Available – See Ordering Information
Ordering Information:
See page 6.
Pin Assignments:
See page 5.
(Top View)
Si5602
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK
NC
OE
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si590 (LVDS/LVPECL/CML)
Si590 (CMOS)
Si591 (LVDS/LVPECL/CML)


Similar Part No. - 591T148M352DG

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2001-002 DIALIGHT-591-2001-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2001-002 DIALIGHT-591-2001-002 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002 DIALIGHT-591-2001-002 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2001-002F DIALIGHT-591-2001-002F Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002F DIALIGHT-591-2001-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
More results

Similar Description - 591T148M352DG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com