Electronic Components Datasheet Search |
|
DF1B-2S2.5DSA Datasheet(PDF) 5 Page - Hirose Electric |
|
DF1B-2S2.5DSA Datasheet(HTML) 5 Page - Hirose Electric |
5 / 19 page B187 DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) sSingle Row Socket Photo: Contact Inserted sDouble Row Socket Photo: Contact Inserted. Note1: The quantity at the specific No."None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note2: The 2 contact connector contains the convex portion to prevent mis-insertion in the center at one point, which is different from the above figure. The 3 to 7 contacts connectors have the area at both ends. Unit: mm Part Number CL No. DF1B-11S-2.5R DF1B-12S-2.5R DF1B-13S-2.5R DF1B-14S-2.5R DF1B-15S-2.5R DF1B-16S-2.5R DF1B-18S-2.5R DF1B-20S-2.5R 541-0209-0 541-0210-0 541-0211-2 541-0212-5 541-0213-8 541-0214-0 541-0215-3 541-0216-6 11 12 13 14 15 16 18 20 27.5 30 32.5 35 37.5 40 45 50 25 27.5 30 32.5 35 37.5 42.5 47.5 Yes Number of Contacts A B RoHS Part Number CL No. DF1B- 2S-2.5R DF1B- 3S-2.5R DF1B- 4S-2.5R DF1B- 5S-2.5R DF1B- 6S-2.5R DF1B- 7S-2.5R DF1B- 8S-2.5R DF1B- 9S-2.5R DF1B-10S-2.5R 541-0200-6 541-0201-9 541-0202-1 541-0203-4 541-0204-7 541-0205-0 541-0206-2 541-0207-5 541-0208-8 2 3 4 5 6 7 8 9 10 5 7.5 10 12.5 15 17.5 20 22.5 25 2.5 5 7.5 10 12.5 15 17.5 20 22.5 Yes Number of Contacts A B RoHS Note1: The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.) If needed, please order the product per bag. Note2: The 4 contact connector contains the convex portion to prevent miss-insertion in the center at one point, which is different from the above figure. Unit: mm Part Number CL No. DF1B-22DS-2.5RC DF1B-24DS-2.5RC DF1B-26DS-2.5RC DF1B-28DS-2.5RC DF1B-30DS-2.5RC DF1B-34DS-2.5RC DF1B-36DS-2.5RC DF1B-40DS-2.5RC 541-0606-0 541-0607-3 541-0608-6 541-0609-9 541-0610-8 541-0612-3 541-0613-6 541-0615-1 22 24 26 28 30 34 36 40 30 32.5 35 37.5 40 45 47.5 52.5 25 27.5 30 32.5 35 40 42.5 47.5 Yes Number of Contacts A B RoHS Part Number CL No. DF1B- 4DS-2.5RC DF1B- 6DS-2.5RC DF1B- 8DS-2.5RC DF1B-10DS-2.5RC DF1B-12DS-2.5RC DF1B-14DS-2.5RC DF1B-16DS-2.5RC DF1B-18DS-2.5RC DF1B-20DS-2.5RC 541-0648-0 541-0649-3 541-0650-2 541-0600-4 541-0601-7 541-0602-0 541-0603-2 541-0604-5 541-0605-8 4 6 8 10 12 14 16 18 20 7.5 10 12.5 15 17.5 20 22.5 25 27.5 2.5 5 7.5 10 12.5 15 17.5 20 22.5 Yes Number of Contacts A B RoHS The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - DF1B-2S2.5DSA |
|
Similar Description - DF1B-2S2.5DSA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |