Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF20F-20DP-1V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF20F-20DP-1V
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20F-20DP-1V Datasheet(HTML) 2 Page - Hirose Electric

  DF20F-20DP-1V Datasheet HTML 1Page - Hirose Electric DF20F-20DP-1V Datasheet HTML 2Page - Hirose Electric DF20F-20DP-1V Datasheet HTML 3Page - Hirose Electric DF20F-20DP-1V Datasheet HTML 4Page - Hirose Electric DF20F-20DP-1V Datasheet HTML 5Page - Hirose Electric DF20F-20DP-1V Datasheet HTML 6Page - Hirose Electric DF20F-20DP-1V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DF20 Series
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
B267
■Product Specifications
Rating
Rated current
Rated voltage
AWG#28 : 1A
AWG#30 : 0.9A
AWG#32 : 0.7A
100V AC
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
-35°C to 85°C (Note 1,2)
-40% to 80%
-10°C to 60°C (Note 2)
-40% to 70%
Note1: Includes temperature rise caused by current flow.
Note2: The term “storage” refers to products stored for long periods of time prior to mounting and use.
Note2: Operating temperature range and Humidity range covers non-conducting conditions of installed connectors in storage,
Note2: shipment or transportation.
Note3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
■Materials
Remarks
UL94V-0
----------
UL94V-0
----------
Item
Part
Material
Finish
Socket
Socket contact
Pin header
Insulator
Contact
Insulator
Contact
Metal Fitting
Polyamide
Phosphor bronze
Polyamide
Phosphor bronze
Brass
Color : Beige
Gold plating
Color : Beige
Gold plating
V type: Solder plating
H type: Tin-Copper plating (Pb free)
■Ordering Information
DF20 # -
* DS - 1 C
Series name : DF20
Boss Type
■Pin header
F: Without boss
G: With boss
■Crimp socket: A
1
Number of contacts: 10, 20, 30, 40, 50
2
3
4
5
Connector type
DS: Double-row socket
DP: Double-row pin header
Contact pitch: 1 mm
Type of housing, header
C: Crimp housing
V: Straight SMT header
H: Right angle SMT header
●Connectors
●Contacts
7
6
F
Applicable wire size
2830: AWG #28 to 30
3032: AWG #30 to 32
Contact & packaging type
SCF: Socket contact reel
Plating type
A: Gold plating
Packaging Specifications
Blank: 1 reel = 10,000 pieces
41: 1 reel = 20,000 pieces
DF20 F - 2830 SCF A
(
** )
1
1
4
4
2
2
3
3
5
5
Measured at 100V DC
Conduction of 300V AC applied for 1 minute
Measure at 100mA.
Measured with a steel pin of 0.2 ±0.005 thickness
Frequency of 10 to 55 Hz, single amplitude of 0.75 mm, in 3 directions for 2hours
Temperature of 40±2ç, humidity of 90% to 95%, left standing for 96 hours
(-55ç:30min / 5ç to 35ç: 2 to 3min / 85ç:30min / 5ç to 35ç:2 to 3min ) for 5 cycles
50 cycles
Reflow: At the recommended temperature profile, manual
solder: Soldering iron temperature of 300°C for 3 seconds
500Mø min.
No flashover or insulation breakdown
30Mø max.
0.2 N Min., 2 N Max.
No electrical discontinuity of 1μs min.
Contact resistance of 30mø max., insulation resistance of 100Mø min.
Contact resistance of 30mø max,insulation resistance of 500Mø min.
Contact resistance of 30mø max.
No deformation of the insulator parts that will
affect performance
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Insertion-Extraction force
4.(per contact)
5.Vibration
6.Humidity
7.Temperature cycle
8.Mechanical operation
9.Resistance to
Soldering heat
Item
Specifications
Conditions
1
3
5
2
4
6
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF20F-20DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V HIROSE-DF20F-20DP-1V Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-20DP-1V(56) HIROSE-DF20F-20DP-1V(56) Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20F-20DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 HIROSE-DF20 Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com