Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN009-100B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN009-100B
Description  N-channel TrenchMOS SiliconMAX standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN009-100B Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN009-100B Datasheet HTML 1Page - NXP Semiconductors PSMN009-100B Datasheet HTML 2Page - NXP Semiconductors PSMN009-100B Datasheet HTML 3Page - NXP Semiconductors PSMN009-100B Datasheet HTML 4Page - NXP Semiconductors PSMN009-100B Datasheet HTML 5Page - NXP Semiconductors PSMN009-100B Datasheet HTML 6Page - NXP Semiconductors PSMN009-100B Datasheet HTML 7Page - NXP Semiconductors PSMN009-100B Datasheet HTML 8Page - NXP Semiconductors PSMN009-100B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PSMN009-100B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 July 2009
3 of 13
NXP Semiconductors
PSMN009-100B
N-channel TrenchMOS SiliconMAX standard level FET
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
Tj ≤ 175 °C; Tj ≥ 25 °C; RGS =20kΩ
-100
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tmb = 100 °C; see Figure 1
-65
A
VGS =10V; Tmb =25°C; see Figure 1; see Figure 3
-75
A
IDM
peak drain current
tp ≤ 10 µs; pulsed; Tmb =25°C; see Figure 3
-400
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
-230
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
VGSM
peak gate-source
voltage
pulsed; tp ≤ 50 µs; Tj ≤ 150 °C; δ =25 %
-30
30
V
Source-drain diode
IS
source current
Tmb =25°C
-
75
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb =25°C
-
400
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source avalanche
energy
VGS =10V; Tj(init) =25°C; ID =35A; Vsup =15V;
unclamped; tp =0.1 ms; RGS =50 Ω
-120
mJ
IDS(AL)S
non-repetitive
drain-source avalanche
current
VGS =10V; Vsup =15V; RGS =50 Ω; Tj(init) =25°C;
unclamped
-75
A
Fig 1.
Normalized continuous drain current as a
function of mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
03ah99
0
20
40
60
80
100
120
0
30
60
90
120
150
180
Tmb (°C)
Ider
(%)
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0


Similar Part No. - PSMN009-100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN009-100B PHILIPS-PSMN009-100B Datasheet
271Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-29 April 2002
logo
Nexperia B.V. All right...
PSMN009-100B NEXPERIA-PSMN009-100B Datasheet
690Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 6 July 2009
More results

Similar Description - PSMN009-100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200B PHILIPS-PSMN057-200B_15 Datasheet
238Kb / 11P
   N-channel TrenchMOS SiliconMAX standard level FET
15 August 2013
PSMN035-150B NXP-PSMN035-150B Datasheet
222Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 November 2009
PSMN009-100P NXP-PSMN009-100P Datasheet
190Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-30 September 2009
PSMN008-75B NXP-PSMN008-75B Datasheet
220Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-11 December 2009
logo
Nexperia B.V. All right...
PSMN085-150K NEXPERIA-PSMN085-150K Datasheet
786Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 3 - 22 December 2011
PSMN025-100D NEXPERIA-PSMN025-100D Datasheet
799Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 12 January 2012
PHP165NQ08T NEXPERIA-PHP165NQ08T Datasheet
305Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 27 March 2009
logo
NXP Semiconductors
PSMN085-150K NXP-PSMN085-150K Datasheet
208Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-1 March 2010
PSMN165-200K NXP-PSMN165-200K Datasheet
387Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-3 December 2009
PSMN070-200B PHILIPS-PSMN070-200B_15 Datasheet
171Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-14 December 2010
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com