Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN9R0-30LL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN9R0-30LL
Description  N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN9R0-30LL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN9R0-30LL Datasheet HTML 5Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 6Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 7Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 8Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 9Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 10Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 11Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 12Page - NXP Semiconductors PSMN9R0-30LL Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PSMN9R0-30LL_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 12 February 2010
9 of 13
NXP Semiconductors
PSMN9R0-30LL
N-channel QFN3333 30 V 9 m
Ω logic level MOSFET
7.
Package outline
Fig 16. Package outline SOT873-1 (HVSON8)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT873-1
SOT873-1
05-06-16
05-06-21
DIMENSIONS (mm are the original dimensions)
HVSON8: plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3.3
× 3.3 × 0.85 mm
- - -
- - -
- - -
UNIT
A
max.
A1
bc
e
e1
L1
y
w
v
mm
1
0.05
0.00
0.35
0.25
0.2
3.4
3.2
0.65
1.68
1.58
0.05
0.1
y1
0.1
0.1
1.95
0.55
0.45
L2
0.52
0.42
DE
3.4
3.2
Dh
Eh
2.3
2.2
0
1
2 mm
scale
detail X
A
A1
c
b
e1
e
A
C
B
v M
C
w M
L1
L2
Eh
Dh
8
4
1
5
terminal 1
index area
E
terminal 1
index area
D
X
B
A
C
y
C
y1


Similar Part No. - PSMN9R0-30LL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN9R0-30LL NEXPERIA-PSMN9R0-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 9 mΩ logic level MOSFET
Rev. 5 - 13 December 2011
More results

Similar Description - PSMN9R0-30LL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
   N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
   N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
   N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
PSMN1R6-30PL127 NXP-PSMN1R6-30PL127 Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R7-30PL NXP-PSMN2R7-30PL Datasheet
226Kb / 14P
   N-channel 30 V 2.7 m廓 logic level MOSFET
Rev. 01-26 February 2010
logo
Nexperia B.V. All right...
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
   Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
   Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com