Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-6R-6P Datasheet(PDF) 11 Page - Hirose Electric

Part # HR30-6R-6P
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6R-6P Datasheet(HTML) 11 Page - Hirose Electric

Back Button HR30-6R-6P Datasheet HTML 4Page - Hirose Electric HR30-6R-6P Datasheet HTML 5Page - Hirose Electric HR30-6R-6P Datasheet HTML 6Page - Hirose Electric HR30-6R-6P Datasheet HTML 7Page - Hirose Electric HR30-6R-6P Datasheet HTML 8Page - Hirose Electric HR30-6R-6P Datasheet HTML 9Page - Hirose Electric HR30-6R-6P Datasheet HTML 10Page - Hirose Electric HR30-6R-6P Datasheet HTML 11Page - Hirose Electric HR30-6R-6P Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
3
A
Push/pull
locking collar
Guide keys
Cable
Cable
Solder termination fixture
Tightening collar for back shell
Cable
Back shell
Plug insulator body
View A (2:1)
Front edge of cable jacket
Figure B
Figure C
Groove - sealing bushing
1. To prevent accidental loosening of the back shell it is recommended that a small amount of primer (Loctite® 7649) and
adhesive (Loctite® 271) be applied to the threads of the insulator body before proceeding.
2. Keeping the terminated insulator body on the fixture, re-assembly the plug in order shown.
4. Using the correct back-tightening collar tighten the back shell to the specified torque.
When tightening the collar make sure that the cable will NOT turn.
5. Remove the assembly from the fixture.
Back shell tightening collar size
Torque
3 and 6 Pos.
10 and 12 Pos.
16 mm
18 mm
0.5N.m
0.5N.m
Connector
Note: Loctite is a registered trademark of the Henkel Loctite Corporation.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-6R-6P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6R-6P HIROSE-HR30-6R-6P Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-6R-6P ETC2-HR30-6R-6P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6R-6P HIROSE-HR30-6R-6P Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-6R-6P-T01 ETC2-HR30-6R-6P-T01 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6R-6P-T01 HIROSE-HR30-6R-6P-T01 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6R-6P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com