Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11CZ-30DS-2V Datasheet(PDF) 8 Page - Hirose Electric

Part # DF11CZ-30DS-2V
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11CZ-30DS-2V Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF11CZ-30DS-2V Datasheet HTML 4Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 5Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 6Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 7Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 8Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 9Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 10Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 11Page - Hirose Electric DF11CZ-30DS-2V Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
B227
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Note1: Tape and reel packaging(500 pieces/reel). Order by number of reels.
Note2: The 40 contacts connector is merchandized in combination with the SMT product.
Note3: Embossed packaging products have the reel wrapped in polyethylene and include a desiccant.
Unit: mm
Part Number
CL Numer
Part Number
CL Numer
Number of contacts
A
B
C
RoHS
Tin plated
Gold plated
DF11CZ- 4DP-2V(27)
DF11CZ- 6DP-2V(27)
DF11CZ- 8DP-2V(27)
DF11CZ-10DP-2V(27)
DF11CZ-12DP-2V(27)
DF11CZ-14DP-2V(27)
DF11CZ-16DP-2V(27)
DF11CZ-18DP-2V(27)
DF11CZ-20DP-2V(27)
DF11CZ-22DP-2V(27)
DF11CZ-24DP-2V(27)
DF11CZ-26DP-2V(27)
DF11CZ-28DP-2V(27)
DF11CZ-30DP-2V(27)
DF11CZ-32DP-2V(27)
DF11CZ-40DP-2V(27)
0543-2047-4-27
0543-2048-7-27
0543-2049-0-27
0543-2050-9-27
0543-2051-1-27
0543-2052-4-27
0543-2053-7-27
0543-2054-0-27
0543-2055-2-27
0543-2056-5-27
0543-2057-8-27
0543-2058-0-27
0543-2059-3-27
0543-2060-2-27
0543-2061-5-27
0543-2062-8-27
DF11C- 4DP-2V(57)
DF11C- 6DP-2V(57)
DF11C- 8DP-2V(57)
DF11C-10DP-2V(57)
DF11C-12DP-2V(57)
DF11C-14DP-2V(57)
DF11C-16DP-2V(57)
DF11C-18DP-2V(57)
DF11C-20DP-2V(57)
DF11C-22DP-2V(57)
DF11C-24DP-2V(57)
DF11C-26DP-2V(57)
DF11C-28DP-2V(57)
DF11C-30DP-2V(57)
DF11C-32DP-2V(57)
DF11C-40DP-2V(57)
0543-0682-1-57
0543-0683-4-57
0543-0684-7-57
0543-0685-0-57
0543-0686-2-57
0543-0687-5-57
0543-0688-8-57
0543-0689-0-57
0543-0690-0-57
0543-0691-2-57
0543-0692-5-57
0543-0693-8-57
0543-0694-0-57
0543-0695-3-57
0543-0696-6-57
0543-0697-9-57
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
40
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
38.0
8.5
10.5
12.5
14.5
16.5
18.5
20.5
22.5
24.5
26.5
28.5
30.5
32.5
34.5
36.5
44.5
8.7
10.7
12.7
14.7
16.7
18.7
20.7
22.7
24.7
26.7
28.7
30.7
32.7
34.7
36.7
44.7
YES
Note2
BPCB mounting pattern
[Specific No.] –* *, (* *)
(27) :Tin plated embossed tape packaging
(57) :Gold plated embossed tape packaging
Note:If the pattern is included in the shaded area and
not treated with resist, it could contact to the
connector contact .
sStraight Pin Header (SMT)
P=2
0.65
B
1.5
No.2
No.1
A
A
1.5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF11CZ-30DS-2V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11CZ-30DS-2V HIROSE-DF11CZ-30DS-2V Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11CZ-30DS-2V ETC2-DF11CZ-30DS-2V Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 15 DF11CZ-30DS-2V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com