Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF19KR-14S-1SDGND Datasheet(PDF) 11 Page - Hirose Electric

Part # DF19KR-14S-1SDGND
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19KR-14S-1SDGND Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF19KR-14S-1SDGND Datasheet HTML 5Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 6Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 7Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 8Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 9Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 10Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 11Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 12Page - Hirose Electric DF19KR-14S-1SDGND Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
B263
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
B
Embossed Carrier Tape Dimensions Receptacles
DF19G-*P-1H(56)
DF19K-*P-1H(56)
DF19L -*P-1H(56)
Ø13
t=0.3±±0.1
H
G-G
H-H
G
Unreeling direction
1.75±0.15
12±0.1
4±0.1
2±0.1
H
G
2.5±0.15
F
2±0.5
Part number label
Depth of 1.5
diameter
7.8±0.3
E
Ø1.5
+2
0
+0.1
0
DF19KR-*P-1H(56)
t=0.3±0.1
2.85±0.15
Ø13
G-G
1.75±0.15
12±0.1
7.8±0.3
H-H
F
2±0.5
Part number label
G
G
H
H
E
Ø1.5
Unreeling direction
Ø1.5 in the rear
+2
0
+0.1
0
Connector
Number of contacts
A
B
C
D
E
F
Remarks
DF19G-18P-1H(56)
DF19G-14P-1H(56)
DF19G-20P-1H(56)
DF19G-30P-1H(56)
DF19K-20P-1H(56)
DF19K-30P-1H(56)
DF19L-14P-1H(56)
DF19L-20P-1H(56)
DF19L-30P-1H(56)
08
14
20
30
20
30
14
20
30
24
44
44
56
44
56
44
44
56
--------
40.4
40.4
50.2
40.4
52.4
40.4
40.4
52.4
11.5
20.2
20.2
26.2
20.2
26.2
20.2
20.2
26.2
16.1
22.1
28.1
38.1
28.1
38.1
22.1
28.1
38.1
24.4
44.4
44.4
56.4
44.4
56.4
44.4
44.4
56.4
30.4
50.4
50.4
62.4
50.4
62.4
50.4
50.4
62.4
Top-board mounting
(1.65mm high)
Offset mounting
(1.0mm high)
Offset mounting
(1.1mm high)
Unit: mm
DF19-*P-1V(56)
3.7±0.2
Ø13
t=0.4±0.1
12±0.1
2±0.1
4±0.1
Unreeling direction
G
G
H
H
Part number label
2±0.5
E
F
Depth of 1.5
diameter
+2
+0
Connector
Number of contacts
A
B
C
D
E
F
Remarks
14
20
44
44
40.4
40.4
20.2
20.2
22.1
28.1
44.4
44.4
50.4
50.4
Reverse type of DF19K
Offset mounting (1.0mm high)
Unit: mm
DF19KR-14P-1H(56)
DF19KR-20P-1H(56)
Connector
Number of contacts
A
B
C
D
E
F
Remarks
14
20
32
44
28.4
40.4
14.2
20.2
18.2
24.2
32.4
44.4
38.4
50.4
Vertical receptacle
Unit: mm
DF19-14P-1V(56)
DF19-20P-1H(56)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19KR-14S-1SDGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19KR-14S-1SDGND HIROSE-DF19KR-14S-1SDGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19KR-14S-1SDGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com