Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22-2S-7.92C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF22-2S-7.92C
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-2S-7.92C Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF22-2S-7.92C Datasheet HTML 4Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 5Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 6Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 7Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 8Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 9Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 10Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 11Page - Hirose Electric DF22-2S-7.92C Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
B114
DF22 Series
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
Shown with terminated and installed contacts.
No. of contacts
indicator
Cavity No.
9.3
A
1
A
No. of contacts
indicator
Cavity No.
Contact No. 1
indicator
10.5
B
Contact No.1
3
A
1
2
3
1 Pos.
2, 3 Pos.
Shown with terminated and installed contacts.
■In-line Plug
CL No.
Part Number
Number of contacts
A
B
RoHS
DF22A-1EP-7.92C
DF22A-2EP-7.92C
DF22A-3EP-7.92C
1
2
3
9.30
18.00
26.00
-----
7.92
15.84
YES
Standard Type (Guide Key: Inside, Color: Natural Beige)
680-1053-0
680-1054-2
680-1055-5
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
RoHS
DF22AR-2EP-7.92C
DF22AR-3EP-7.92C
2
3
18.00
26.00
7.92
15.84
YES
R Type (Guide Key: Right Side, Color: Black)
680-1069-0
680-1070-9
CL No.
Part Number
Number of contacts
A
B
RoHS
DF22AL-2EP-7.92C
2
18.00
7.92 YES
L Type (Guide Key: Left Side, Color: Red)
680-1074-0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF22-2S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-2S-7.92C HIROSE-DF22-2S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-2S-7.92C(28) HIROSE-DF22-2S-7.92C(28) Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF22-2S-7.92C28 HIROSE-DF22-2S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
More results

Similar Description - DF22-2S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com