Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3A-13P-2DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF3A-13P-2DSA
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3A-13P-2DSA Datasheet(HTML) 3 Page - Hirose Electric

  DF3A-13P-2DSA Datasheet HTML 1Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 2Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 3Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 4Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 5Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 6Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 7Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 8Page - Hirose Electric DF3A-13P-2DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
B209
DF3 Seriesq2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 - * S - 2C
qe
wr t
q Series Name
: DF3, 3A, 3AA
w Number of Contacts : 2~15
e Connector Type
S
: Socket
P
: Pin Header
EP
: In-line Plug
r Contact Pitch
: 2mm
t Connection Form/Contact Style
C
: Crimp socket
R26 : ID socket for AWG26
R28 : ID socket for AWG28
DSA : Straight through hole
DS : Right angle through hole
V
: Straight SMT
H
: Right angle SMT
A
: Adapter
sOrdering Information
qConnector
DF3 - EP2428PCFA
q
r
e
w
q Contact Type
Blank : For socket
EP
: For in-line plug
w Applicable Wire Size
22
: AWG#22
2428 : AWG#24 to#28
e Contact Type/Packaging Type
SCF
: Socket contact, Reel
SC
: Socket contact, Bag
PCF
: Plug contact, Reel
PC
: Plug contact, Bag
r Plating Type
Blank
: Tin plated
A
: Gold plated (Plug contact)
C
: Gold plated (Socket contact)
qContact
sApplication pattern
DF3-πS-2R**(05)
DF3-πS-2DSA(25)
DF3-πS-2R**(05)
DF3Z-πP-2V
DF3Z-πP-2H
DF3Z-πP-2H
DF3Z-πP-2H
DF3Z-πP-2V
DF3Z-πP-2V
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF3A-13P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3A-13P-2DSA HIROSE-DF3A-13P-2DSA Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-13P-2DSA HIROSE-DF3A-13P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-13P-2DSA HIROSE-DF3A-13P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-13P-2DSA HIROSE-DF3A-13P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3A-13P-2DSA ETC2-DF3A-13P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3A-13P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com