Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN2A01FTC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXMN2A01FTC
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN2A01FTC Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXMN2A01FTC Datasheet HTML 1Page - Zetex Semiconductors ZXMN2A01FTC Datasheet HTML 2Page - Zetex Semiconductors ZXMN2A01FTC Datasheet HTML 3Page - Zetex Semiconductors ZXMN2A01FTC Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PROVISIONAL ISSUE B - JUNE 2001
ZXMN2A01F
3
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
20
V
I
D=250µA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
1
µA
V
DS=20V, VGS=0V
Gate-Body Leakage
I
GSS
100
nA
V
GS=±12V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
0.7
V
I
D
=250
µA, V
DS=VGS
Static Drain-Source On-State Resistance
(1)
R
DS(on)
0.09
0.12
0.30
V
GS=4.5V, ID=4A
V
GS=2.5V, ID=1.5A
Forward Transconductance (3)
g
fs
6.2
S
V
DS=10V,ID=4A
DYNAMIC (3)
Input Capacitance
C
iss
299
pF
V
DS=15V,VGS=0V,
f=1MHz
Output Capacitance
C
oss
60
pF
Reverse Transfer Capacitance
C
rss
33
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
2.31
ns
V
DD =10V, ID=4A
R
G=6.0Ω,VGS=5V
Rise Time
t
r
2.60
ns
Turn-Off Delay Time
t
d(off)
1.55
ns
Fall Time
t
f
1.31
ns
Total Gate Charge
Q
g
3.1
nC
V
DS=10V,VGS=4.5V,
ID=4A
Gate-Source Charge
Q
gs
0.7
nC
Gate-Drain Charge
Q
gd
1.0
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.84
0.95
V
T
J=25°C, IS=0.6A,
V
GS=0V
Reverse Recovery Time (3)
t
rr
11.2
ns
T
J=25°C, IF=4A,
di/dt= 100A/
µs
Reverse Recovery Charge (3)
Q
rr
3.64
nC
NOTES
(1) Measured under pulsed conditions. Width
≤300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMN2A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01FTC ZETEX-ZXMN2A01FTC Datasheet
216Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A01FTC DIODES-ZXMN2A01FTC Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01FTC DIODES-ZXMN2A01FTC Datasheet
389Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com