Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN012-60YS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN012-60YS
Description  N-channel LFPAK 60 V, 11.1 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-60YS Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN012-60YS Datasheet HTML 1Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 2Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 3Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 4Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 5Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 6Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-60YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PSMN012-60YS_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 5 January 2010
2 of 15
NXP Semiconductors
PSMN012-60YS
N-channel LFPAK 60 V, 11.1 m
Ω standard level MOSFET
2.
Pinning information
3.
Ordering information
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =15 A;
Tj = 100 °C; see Figure 12
-
-
17.8
m
VGS =10V; ID =15 A; Tj =25°C;
see Figure 13
-8
11.1
m
Table 1.
Quick reference …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK)
2S
source
3S
source
4G
gate
mb
D
mounting base; connected to
drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN012-60YS
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669


Similar Part No. - PSMN012-60YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN012-60YS NEXPERIA-PSMN012-60YS Datasheet
857Kb / 15P
   N-channel LFPAK 60 V, 11.1 mΩ standard level MOSFET
Rev. 01 - 5 January 2010
More results

Similar Description - PSMN012-60YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN012-60YS NEXPERIA-PSMN012-60YS Datasheet
857Kb / 15P
   N-channel LFPAK 60 V, 11.1 mΩ standard level MOSFET
Rev. 01 - 5 January 2010
logo
NXP Semiconductors
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN017-60YS NXP-PSMN017-60YS Datasheet
251Kb / 15P
   N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010
PSMN030-60YS_1010 PHILIPS-PSMN030-60YS_1010 Datasheet
228Kb / 15P
   N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 02-25 October 2010
PSMN030-60YS NXP-PSMN030-60YS Datasheet
238Kb / 13P
   N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 01-11 February 2010
PSMN8R5-60YS PHILIPS-PSMN8R5-60YS_15 Datasheet
258Kb / 14P
   N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
22 July 2015
PSMN8R5-60YS NXP-PSMN8R5-60YS Datasheet
250Kb / 15P
   N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
Rev. 01-22 December 2009
PSMN5R5-60YS NXP-PSMN5R5-60YS Datasheet
261Kb / 15P
   N-channel LFPAK 60 V, 5.2 m廓 standard level FET
Rev. 02-24 December 2009
logo
Nexperia B.V. All right...
PSMN4R0-60YS NEXPERIA-PSMN4R0-60YS Datasheet
753Kb / 13P
   N-channel LFPAK 60 V, 4.0 m廓 standard level FET
logo
NXP Semiconductors
PSMN4R0-60YS PHILIPS-PSMN4R0-60YS_15 Datasheet
272Kb / 13P
   N-channel LFPAK 60 V, 4.0 m廓 standard level FET
14 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com