Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIF6-34DA-1.27RL Datasheet(PDF) 2 Page - Hirose Electric

Part # HIF6-34DA-1.27RL
Description  1.27mm Pitch Two-Piece Connector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF6-34DA-1.27RL Datasheet(HTML) 2 Page - Hirose Electric

  HIF6-34DA-1.27RL Datasheet HTML 1Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 2Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 3Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 4Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 5Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 6Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 7Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 8Page - Hirose Electric HIF6-34DA-1.27RL Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
B70
HIF6 Seriesq1.27mm Pitch Two-Piece Connector
sMaterial
Insulator
Socket Contact
Pin header Contact
PBT
Copper alloy
Brass
Black
Selective gold plating
UL94V-0
————
Parts
Material
Finish
Remarks
HIF6
A – * D A – 1.27 DSA L
q
e
wt
ry
u
i
q Series Name : HIF6
w Blank
: Ribbon cable insulation displacement type
A
: Without board mounting hole
B
: With board mounting hole
e Number of contacts : 20, 26, 32, 34, 40, 50, 52, 60, 68, 80, 100
r
D
: Socket or receptacle
t
A
: Selective gold plated
y Contact pitch : 1.27mm
u Contact type : DS : Right angle type
DSA : Straight type
R
: Ribbon cable ID type
i L : Board pre-fixed lock pin
q Series Name : HIF6
w Blank
: With lock
A
: Without board mounting hole
B
: With board mounting hole
e Number of contacts : 20, 26, 32, 34, 40, 50, 52, 60, 68, 80, 100
r
P
: Pin header
t
A
: Selective gold plated
y Contact pitch : 1.27mm
u Contact style : DS
: Right angle type
DSA
: Straight type
i L : Board pre-fixed lock pin
qSocket and Receptacle
qPin Header
sOrdering Information
q
e
wt
ry
u
i
HIF6
A – * P A – 1.27 DSA L
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HIF6-34DA-1.27RL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
HIF6-020PA-1.27DS HIROSE-HIF6-020PA-1.27DS Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6-020PA-1.27DS HIROSE-HIF6-020PA-1.27DS Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
HIF6-020PA-1.27DSA HIROSE-HIF6-020PA-1.27DSA Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
More results

Similar Description - HIF6-34DA-1.27RL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com