Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF19G-14P-1F Datasheet(PDF) 2 Page - Hirose Electric

Part # DF19G-14P-1F
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19G-14P-1F Datasheet(HTML) 2 Page - Hirose Electric

  DF19G-14P-1F Datasheet HTML 1Page - Hirose Electric DF19G-14P-1F Datasheet HTML 2Page - Hirose Electric DF19G-14P-1F Datasheet HTML 3Page - Hirose Electric DF19G-14P-1F Datasheet HTML 4Page - Hirose Electric DF19G-14P-1F Datasheet HTML 5Page - Hirose Electric DF19G-14P-1F Datasheet HTML 6Page - Hirose Electric DF19G-14P-1F Datasheet HTML 7Page - Hirose Electric DF19G-14P-1F Datasheet HTML 8Page - Hirose Electric DF19G-14P-1F Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
B254
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
■Product Specifications
Materials / Finish
Rating
Current rating
Voltage rating
AWG#28 : 1A
AWG#30 : 0.9A
AWG#32 : 0.8A
AWG#36 : 0.5A
FPC
: 0.5A
Micro-coaxial cable AWG# 40: 0.3A
100V AC
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
-35ç to 85ç Note 1
-35ç to 85ç Note 2
-20% to 80%
-10ç to 60ç Note 2
-40% to 70%
100 V DC
300 V AC / one minute
100 mA
Measured with a steel pin Ø0.2±0.005
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 directions.
96 hours at temperature of 40±2ç and
humidity of 90% to 95%
Temperature:
–55ç
+5ç to +35ç +85ç +5ç to +35ç
Time (Minutes): 30
+10
+30 +10 5 cycles
30 cycles
Re-flow soldering: At the recommended temperature profile
Manual soldering: Soldering iron temperature 300ç, 3 seconds
500 Mø min.
No flashover or insulation breakdown.
30 mø max. (50 mø max. for FPC)
Min. 0.2N, Max. 3N
No electrical discontinuity of 1μs or more.
Contact resistance: 30 mø max. (50 mø max. for FPC)
Insulation resistance: 500 Mø min.
Contact resistance: 30 mø max. (50 mø max. for FPC)
Insulation resistance: 500 Mø min.
Contact resistance: 30 mø max. (50 mø max. for FPC)
No deformation of the insulator parts affecting performance.
Item
Specification
Conditions
Remarks
UL94V-0
----------
----------
----------
----------
----------
UL94V-0
----------
----------
UL94V-0
----------
----------
----------
Product
Component
Material
Finish/Color
Receptacle
Plug
Crimp contact
Plug for PPC
Grounding plate for PPC
Plug for micro-coaxial cable
Grounding plate for micro-coaxial cable
Insulator
Contacts
Grounding plate
Insulator
Tin-lead plated
Contact
Insulator
Contact
Grounding plate
Insulator
Contact
Grounding plate
Grounding plate
Polyamide
Phosphor bronze
Phosphor bronze
Polyamide
Stainless steel
Phosphor bronze
Polyamide
Phosphor bronze
Stainless steel
LCP
Phosphor bronze
Phosphor bronze
Phosphor bronze
Beige
Gold plated
Tin-copper plated
Beige
Tin-copper plated
Gold Plated
Beige
Gold plated
Tin-copper plated
Beige
Gold plated
Tin plated
Tin plated
Note1: Includes temperature rise caused by current flow.
Note2: The term “storage” refers to connectors stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during
transportation.
Note3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Insertion-Extraction force
(per contact)
5.Vibration
6.Humidity
(Steady state)
7.Temperature cycle
8.Durability
(insertion/ withdrawal)
9.Resistance to
soldering heat
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19G-14P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19G-14P-1F HIROSE-DF19G-14P-1F Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19G-14P-1FGND HIROSE-DF19G-14P-1FGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19G-14P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com