Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22A-1DS-7.92C Datasheet(PDF) 9 Page - Hirose Electric

Part # DF22A-1DS-7.92C
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22A-1DS-7.92C Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF22A-1DS-7.92C Datasheet HTML 5Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 6Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 7Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 8Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 9Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 10Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 11Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 12Page - Hirose Electric DF22A-1DS-7.92C Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
B115
DF22 Series
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
BPanel Cutout (Panel mount type)
11±0.2
19.76
+0.1
0
(23.72-X)
+0.1
0
17.62
+0.1
0
■In-line Double-row socket
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
Lock type
RoHS
DF22B-4DS-7.92C
4
Standard lock
YES
Standard Type (Guide Key: Inside, Color: White)
680-1142-8
CL No.
Part Number
Number of contacts
Lock type
RoHS
DF22BR-4DS-7.92C
4
Standard lock
YES
R Type (Guide Key: Right Side, Color: Black)
680-1156-2
CL No.
Part Number
Number of contacts
Lock type
RoHS
DF22BL-4DS-7.92C
4
Standard lock
YES
L Type (Guide Key: Left Side, Color: Red)
680-1161-2
7.92
15.5
Contact No.1
No. of contacts
indicator
Contact No.1
indicator
Cavity No.
(21.29)
A
1
3
2
4
Standard lock
■In-line Double-row Plug
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
Connector type
RoHS
DF22-4DEP-7.92C
DF22A-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
YES
Standard Type (Guide Key: Inside, Color: White)
680-1051-4
680-1056-8
CL No.
Part Number
Number of contacts
Connector type
RoHS
DF22R-4DEP-7.92C
DF22AR-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
YES
R Type (Guide Key: Right Side, Color: Black)
680-1170-3
680-1184-8
CL No.
Part Number
Number of contacts
Connector type
RoHS
DF22L-4DEP-7.92C
DF22AL-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
YES
L Type (Guide Key: Left Side, Color: Red)
680-1175-7
680-1189-1
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Contact No.1
indicator
Contact No.1
indicator
Contact No.1
24.22
33
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Contact No.1
1
2
3
4
4
A
1
2
3
4
4
A
Shown with terminated and installed contacts.
Panel thickness
X
2.0
1.6
1.2
0.8
0.48
0.96
1.44
1.92
Shown with terminated and installed contacts.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF22A-1DS-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22A-1DS-7.92C HIROSE-DF22A-1DS-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22A-1DS-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com