Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV629xA Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV629xA
Description  Micropower, wide bandwidth CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV629xA Datasheet(HTML) 5 Page - STMicroelectronics

  TSV629xA Datasheet HTML 1Page - STMicroelectronics TSV629xA Datasheet HTML 2Page - STMicroelectronics TSV629xA Datasheet HTML 3Page - STMicroelectronics TSV629xA Datasheet HTML 4Page - STMicroelectronics TSV629xA Datasheet HTML 5Page - STMicroelectronics TSV629xA Datasheet HTML 6Page - STMicroelectronics TSV629xA Datasheet HTML 7Page - STMicroelectronics TSV629xA Datasheet HTML 8Page - STMicroelectronics TSV629xA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TSV629x, TSV629xA
Electrical characteristics
Doc ID 16882 Rev 2
5/25
3
Electrical characteristics
Table 4.
Electrical characteristics at VCC+ = +1.8 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C,
and RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV629x
TSV629xA
TSV6293AIST - MiniSO-10
4
0.8
1
mV
TSV629x -Tmin < Top < Tmax
TSV629xA - Tmin < Top < Tmax
TSV6293AIST - Tmin < Top < Tmax
6
2
2.2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
(Vout =VCC/2)
110(1)
pA
Tmin < Top < Tmax
1100
pA
Iib
Input bias current
(Vout =VCC/2)
110(1)
pA
Tmin < Top < Tmax
1100
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
0 V to 1.8 V, Vout = 0.9 V
53
74
dB
Tmin < Top < Tmax
51
dB
Avd
Large signal voltage gain
RL= 10 kΩ, Vout= 0.5 V to 1.3 V
78
95
dB
Tmin < Top < Tmax
73
dB
VOH
High level output voltage
RL =10kΩ
Tmin < Top < Tmax
35
50
5
mV
VOL
Low level output voltage
RL =10kΩ
Tmin < Top < Tmax
435
50
mV
Iout
Isink
Vout = 1.8 V
6
12
mA
Tmin < Top < Tmax
4
Isource
Vout = 0 V
6
10
Tmin < Top < Tmax
4
ICC
Supply current (per operator)
No load, Vout=VCC/2
25
31
µA
Tmin < Top < Tmax
33
µA
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF
1.1
MHz
Gain
Minimum gain for stability
Phase margin = 60°, Rf = 10kΩ,
RL =10kΩ, CL =20pF, Top =25° C
+4
-3
V/V
SR
Slew rate
RL =10kΩ, CL =100 pF, Vout = 0.5 V
to 1.3V
0.33
V/
μs
1.
Guaranteed by design.


Similar Part No. - TSV629xA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6290 STMICROELECTRONICS-TSV6290 Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290A STMICROELECTRONICS-TSV6290A Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290AICT STMICROELECTRONICS-TSV6290AICT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290AILT STMICROELECTRONICS-TSV6290AILT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290ICT STMICROELECTRONICS-TSV6290ICT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
More results

Similar Description - TSV629xA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
August 2013 Rev 4
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com