Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-273-141-043 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 0-273-141-043
Description  Digital, triaxial acceleration sensor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-273-141-043 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 0-273-141-043 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 6Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 7Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 8Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 9Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 6
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Parameter
Symbol
Condition
Min
Typ
Max
Units
2
nd order analog
filter
1500
Hz
Bandwidth
bw
Digital filter *
25, 50, 100,
190, 375, 750
Hz
Acceleration data
refresh rate (all axes)
f_rate
2700
3000
3300
Hz
Nonlinearity
NL
Best fit straight line
-0.5
0.5
%FS
Output noise
nrms
Rms
0.5
mg/
√Hz
TEMPERATURE SENSOR IC
Sensitivity
ST
Preliminary data
0.475
0.5
0.525
K/LSB
Temperature
measurement range
TS
-30
97.5
°C
Temperature offset
OffT
Calibrated at 30°C
1
K
MECHANICAL CHARACTERISTICS
Cross axis sensitivity
S
Relative
contribution
between 3 axes
2
%
POWERING UP CHARACTERISTICS
Wake-up time
twu
From stand-by
1
1.5
ms
Start-up time
tsu
From power-off
3
ms
* Please refer to chapter 3.1.3 for more detailed explanations


Similar Part No. - 0-273-141-043

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-2 TEC-0-2 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2030791-6 TEC-0-2030791-6 Datasheet
206Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2042986-1 TEC-0-2042986-1 Datasheet
128Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2112295-1 TEC-0-2112295-1 Datasheet
224Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2112297-1 TEC-0-2112297-1 Datasheet
224Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-273-141-043

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA250E ETC2-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com