Selected language     English  ▼


0-273-141-043 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. 0-273-141-043
Description  Digital, triaxial acceleration sensor
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 7 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 7
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
2. Maximum ratings
Table 2: Maximum ratings specified for the BMA150
Parameter
Condition
Min
Max
Units
Supply Voltage
VDD and VDDIO
-0.3
4.25
V
Storage Temperature range
-50
+150
°C
EEPROM write cycles
Same Byte
1000
cycles
EEPROM retention
At 55°C, after 1000 cycles
10
years
Duration ≤ 100µs
10,000
g
Duration ≤ 1.0ms
2,000
g
Mechanical Shock
Free fall onto hard surfaces
1.5
m
HBM, at any pin
2
kV
ESD
CDM
500
V
Note:
Stress above these limits may cause damage to the device. Exceeding the specified electrical
limits may affect the device reliability or cause malfunction.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl